công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS12A4517D bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
TS12A4517D bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 11 page www.ti.com APPLICATION INFORMATION Power-Supply Considerations Logic-Level Thresholds Test Circuits/Timing Diagrams NO orNC TS12A4516,, TS12A4517 DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES SCDS236 – DECEMBER 2006 The TS12A4516 and TS12A4517 operate with power-supply voltages from ±1 V to ±6 V [(2 V < (V + – V–) < 12 V], but are tested and specified at ±5V, ±3.3V, and ±1.8V supplies. The pin-compatible TS12A4514 and TS12A4515 are recommended for use when only a single supply is desirable. The TS12A4516 and TS12A4517 construction is typical of most CMOS analog switches, except that they have only two supply pins: V+ and V–. V+ and V– drive the internal CMOS switches and set their analog voltage limits. Reverse ESD-protection diodes are internally connected between each analog-signal pin and both V+ and V–. One of these diodes conducts if any analog signal exceeds V+ or V–. Virtually all the analog leakage current comes from the ESD diodes to V+ or V–. Although the ESD diodes on a given signal pin are identical and, therefore, fairly well balanced, they are reverse biased differently. Each is biased by either V+ or V– and the analog signal. This means their leakages will vary as the signal varies. The difference in the two diode leakages to the V+ and V– pins constitutes the analog-signal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. This is why both sides of a given switch can show leakage currents of the same or opposite polarity. There is no connection between the analog-signal paths and V+ or V–. V+ and V– also power the internal logic and logic-level translators. The logic-level translators convert the logic levels to switched V+ and V– signals to drive the analog signal gates. The logic-level thresholds are CMOS compatible but not TTL-compatible. As V+ is raised, the level threshold increases slightly. When V+ reaches 12 V, the level threshold is about 3 V– above the TTL-specified high-level minimum of 2.8 V, but still compatible with CMOS outputs. CAUTION: Do not connect the TS12A4516/TS12A4517's V+ to 3 V and then connect the logic-level pins to logic-level signals that operate from 5-V supply. TTL levels can exceed 3 V and violate the absolute maximum ratings, damaging the part and/or external circuits. Figure 1. Charge Injection 7 Submit Documentation Feedback |
Số phần tương tự - TS12A4517D |
|
Mô tả tương tự - TS12A4517D |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |