công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68040RC25V bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC68040RC25V
Giải thích chi tiết về linh kiện  M68000-compatible, high-performance, 32-bit microprocessors
Download  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68040RC25V bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC68040RC25V Datasheet HTML 6Page - Motorola, Inc MC68040RC25V Datasheet HTML 7Page - Motorola, Inc MC68040RC25V Datasheet HTML 8Page - Motorola, Inc MC68040RC25V Datasheet HTML 9Page - Motorola, Inc MC68040RC25V Datasheet HTML 10Page - Motorola, Inc MC68040RC25V Datasheet HTML 11Page - Motorola, Inc MC68040RC25V Datasheet HTML 12Page - Motorola, Inc MC68040RC25V Datasheet HTML 13Page - Motorola, Inc MC68040RC25V Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 442 page
background image
xii
M68040 USER’S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
8.4.6.5
Write-Back Address and Write-Back Data ..................................... 8-26
8.4.6.6
Push Data ...................................................................................... 8-27
8.4.6.7
Access Error Stack Frame Return From Exception ....................... 8-27
Section 9
Floating-Point Unit (MC68040 Only)
9.1
Floating-Point Unit Pipeline ...................................................................9-1
9.2
Floating-Point User Programming Model .............................................. 9-2
9.2.1
Floating-Point Data Registers (FP7–FP0) ......................................... 9-2
9.2.2
Floating-Point Control Register (FPCR) ............................................ 9-3
9.2.2.1
Exception Enable Byte ...................................................................9-3
9.2.2.2
Mode Control Byte ......................................................................... 9-3
9.2.3
Floating-Point Status Register (FPSR) ..............................................9-4
9.2.3.1
Floating-Point Condition Code Byte............................................... 9-4
9.2.3.2
Quotient Byte ................................................................................. 9-5
9.2.3.3
Exception Status Byte.................................................................... 9-5
9.2.3.4
Accrued Exception (AEXC) Byte. .................................................. 9-5
9.2.4
Floating-Point Instruction Address Register (FPIAR) ........................ 9-6
9.3
Floating-Point Data Formats and Data Types....................................... 9-7
9.4
Computational Accuracy ....................................................................... 9-11
9.4.1
Intermediate Result ........................................................................... 9-12
9.4.2
Rounding the Result .......................................................................... 9-13
9.5
Postprocessing Operation..................................................................... 9-15
9.5.1
Underflow, Round, Overflow ............................................................. 9-16
9.5.2
Conditional Testing ............................................................................9-16
9.6
Floating-Point Exceptions ..................................................................... 9-20
9.6.1
Unimplemented Floating-Point Instructions....................................... 9-20
9.6.2
Unsupported Floating-Point Data Types ...........................................9-22
9.7
Floating-Point Arithmetic Exceptions ....................................................9-24
9.7.1
Branch/Set on Unordered (BSUN) ....................................................9-25
9.7.1.1
Maskable Exception Conditions..................................................... 9-26
9.7.1.2
Nonmaskable Exception Conditions .............................................. 9-27
9.7.2
Signaling Not-a-Number (SNAN)....................................................... 9-27
9.7.2.1
Maskable Exception Conditions..................................................... 9-27
9.7.2.2
Nonmaskable Exception Conditions .............................................. 9-27
9.7.3
Operand Error ................................................................................... 9-28
9.7.3.1
Maskable Exception Conditions..................................................... 9-29
9.7.3.2
Nonmaskable Exception Conditions .............................................. 9-30
9.7.4
Overflow ............................................................................................ 9-31
9.7.4.1
Maskable Exception Conditions..................................................... 9-31
9.7.4.2
Nonmaskable Exception Conditions .............................................. 9-31
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC68040RC25V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68040RC25V FREESCALE-MC68040RC25V Datasheet
3Mb / 442P
   M68040 Users Manual
More results

Mô tả tương tự - MC68040RC25V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68020RC25E FREESCALE-MC68020RC25E Datasheet
1Mb / 306P
   Object-Code Compatible with Earlier M68000 Microprocessors
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
Advanced Micro Devices
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com