công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV342I bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện MV342I
Giải thích chi tiết về linh kiện  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MV342I bảng dữ liệu(HTML) 2 Page - Texas Instruments

  MV342I Datasheet HTML 1Page - Texas Instruments MV342I Datasheet HTML 2Page - Texas Instruments MV342I Datasheet HTML 3Page - Texas Instruments MV342I Datasheet HTML 4Page - Texas Instruments MV342I Datasheet HTML 5Page - Texas Instruments MV342I Datasheet HTML 6Page - Texas Instruments MV342I Datasheet HTML 7Page - Texas Instruments MV342I Datasheet HTML 8Page - Texas Instruments MV342I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
V+
VO
+
VI
+
C = 200 pF
V+
Sample
Clock
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Reel of 3000
LMV341IDBVR
RC9_
SOT-23 – DBV
Reel of 250
LMV341IDBVT
PREVIEW
Single
Reel of 3000
LMV341IDCKR
R4_
SC-70 – DCK
Reel of 250
LMV341ICKVT
PREVIEW
Tube of 75
LMV342ID
SOIC – D
MV342I
Reel of 2500
LMV342IDR
–40
°C to 125°C
Dual
Reel of 250
LMV342IDGK
MSOP/VSSOP – DGK
RP_
Reel of 2500
LMV342IDGKR
Tube of 50
LMV344ID
SOIC – D
LMV344I
Reel of 2500
LMV344IDR
Quad
Tube of 90
LMV344IPW
TSSOP – PW
MV344I
Reel of 2000
LMV344IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
APPLICATION CIRCUIT: SAMPLE-AND-HOLD CIRCUIT
2
Submit Documentation Feedback


Số phần tương tự - MV342I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MV34001 MICROSEMI-MV34001 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
MV34002 MICROSEMI-MV34002 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
MV34003 MICROSEMI-MV34003 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
MV34004 MICROSEMI-MV34004 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
MV34005 MICROSEMI-MV34005 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
More results

Mô tả tương tự - MV342I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com