công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12429 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC12429
Giải thích chi tiết về linh kiện  HIGH FREQUENCY CLOCK SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12429 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC12429 Datasheet HTML 3Page - Motorola, Inc MC12429 Datasheet HTML 4Page - Motorola, Inc MC12429 Datasheet HTML 5Page - Motorola, Inc MC12429 Datasheet HTML 6Page - Motorola, Inc MC12429 Datasheet HTML 7Page - Motorola, Inc MC12429 Datasheet HTML 8Page - Motorola, Inc MC12429 Datasheet HTML 9Page - Motorola, Inc MC12429 Datasheet HTML 10Page - Motorola, Inc MC12429 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC12429
TIMING SOLUTIONS
7
MOTOROLA
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V to 5.0V ±5%)
Symbol
Characteristic
Min
Max
Unit
Condition
FMAXI
Maximum Input Frequency
S_CLOCK
Xtal Oscillator
10
10
20
MHz
Note 3.
FMAXO
Maximum Output Frequency
VCO (Internal)
FOUT
200
25
400
400
MHz
Note 4.
tLOCK
Maximum PLL Lock Time
10
ms
tjitter
Period Deviation (Peak–to–Peak)
±25
ps
Note 4.,
See Applications Section
ts
Setup Time
S_DATA to S_CLOCK
S_CLOCK to S_LOAD
M, N to P_LOAD
20
20
20
ns
th
Hold Time
S_DATA to S_CLOCK
M, N to P_LOAD
20
20
ns
tpwMIN
Minimum Pulse Width
S_LOAD
P_LOAD
50
50
ns
Note 4.
tr, tf
Output Rise/Fall
FOUT
300
800
ps
20%–80%, Note 4.
3. 10MHz is the maximum frequency to load the feedback devide registers. S_CLOCK can be switched at higher frequencies when used as a
test clock in TEST_MODE 6.
4. 50
Ω to VCC – 2.0V pulldown.
APPLICATIONS INFORMATION
Using the On–Board Crystal Oscillator
The MC12429 features a fully integrated on–board crystal
oscillator to minimize system implementation costs. The
oscillator is a series resonant, multivibrator type design as
opposed to the more common parallel resonant oscillator
design. The series resonant design provides better stability
and eliminates the need for large on chip capacitors. The
oscillator is totally self contained so that the only external
component required is the crystal. As the oscillator is
somewhat sensitive to loading on its inputs the user is
advised to mount the crystal as close to the MC12429 as
possible to avoid any board level parasitics. To facilitate
co–location surface mount crystals are recommended, but
not required. Because the series resonant design is affected
by capacitive loading on the xtal terminals loading variation
introduced by crystals from different vendors could be a
potential issue. For crystals with a higher shunt capacitance it
may be required to place a resistance across the terminals to
suppress the third harmonic. Although typically not required it
is a good idea to layout the PCB with the provision of adding
this external resistor. The resistor value will typically be
between 500 and 1K
Ω.
The oscillator circuit is a series resonant circuit and thus
for optimum performance a series resonant crystal should be
used. Unfortunately most crystals are characterized in a
parallel resonant mode. Fortunately there is no physical
difference between a series resonant and a parallel resonant
crystal. The difference is purely in the way the devices are
characterized. As a result a parallel resonant crystal can be
used with the MC12429 with only a minor error in the desired
frequency. A parallel resonant mode crystal used in a series
resonant circuit will exhibit a frequency of oscillation a few
hundred ppm lower than specified, a few hundred ppm
translates to kHz inaccuracies. In a general computer
application this level of inaccuracy is immaterial. Table 1
below specifies the performance requirements of the crystals
to be used with the MC12429.
Table 1. Recommended Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Series Resonance*
Frequency Tolerance
±75ppm at 25°C
Frequency/Temperature Stability
±150pm 0 to 70°C
Operating Range
0 to 70
°C
Shunt Capacitance
5–7pF
Equivalent Series Resistance (ESR)
50 to 80
Correlation Drive Level
100
µW
Aging
5ppm/Yr (First 3 Years)
* See accompanying text for series versus parallel resonant
discussion.


Số phần tương tự - MC12429

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC1241A ETC-MC1241A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC1241A ETC-MC1241A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results

Mô tả tương tự - MC12429

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com