công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP105YZCR bảng dữ liệu(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện TMP105YZCR
Giải thích chi tiết về linh kiện  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP105YZCR bảng dữ liệu(HTML) 7 Page - Burr-Brown (TI)

Back Button TMP105YZCR Datasheet HTML 3Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 4Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 5Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 6Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 7Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 8Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 9Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 10Page - Burr-Brown (TI) TMP105YZCR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TMP105
SLLS648B − FEBRUARY 2005 − REVISED JANUARY 2006
www.ti.com
7
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution bits control the resolution of the
internal analog-to-digital (A/D) converter. This control
allows the user to maximize efficiency by programming for
higher resolution or faster conversion time. Table 8
identifies the resolution bits and the relationship between
resolution and conversion time.
R1
R0
RESOLUTION
CONVERSION TIME
(typical)
0
0
9 Bits (0.5
°C)
27.5ms
0
1
10 Bits (0.25
°C)
55ms
1
0
11 Bits (0.125
°C)
110ms
1
1
12 Bits (0.0625
°C)
220ms
Table 8. Resolution of the TMP105
ONE-SHOT (OS)
The
TMP105
features
a
One-Shot
Temperature
Measurement Mode. When the device is in Shutdown
Mode, writing a ‘1’ to the OS bit starts a single temperature
conversion. The device will return to the shutdown state at
the completion of the single conversion. This option is
useful to reduce power consumption in the TMP105 when
continuous temperature monitoring is not required. When
the Configuration Register is read, the OS always reads
zero.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM = 0), the ALERT pin of the
TMP105 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive
number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below
the indicated TLOW value for the same number of faults.
In Interrupt Mode (TM = 1), the ALERT pin becomes active
when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin
remains active until a read operation of any register
occurs, or until the device successfully responds to the
SMBus Alert Response address. The ALERT pin clears if
the device is placed in Shutdown Mode. Once the ALERT
pin is cleared, it will only become active again by the
temperature falling below TLOW. When the temperature
falls below TLOW, the ALERT pin becomes active and
remains active until cleared by a read operation of any
register or a successful response to the SMBus Alert
Response address. When the ALERT pin clears, the
above cycle will repeat, with the ALERT pin becoming
active when the temperature equals or exceeds THIGH.
The ALERT pin can also be cleared by resetting the device
with the General Call Reset command. This reset also
clears the state of the internal registers in the device
returning the device to Comparator Mode (TM = 0).
Both operational modes are represented in Figure 3.
Table 9 and Table 10 describe the format for the THIGH and
TLOW Registers. Note that the most significant byte is sent
first, followed by the least significant byte. Power-up reset
values for THIGH and TLOW are:
THIGH = 80°C and TLOW = 75°C
The format of the data for THIGH and TLOW is the same as
for the Temperature Register.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
Table 9. Bytes 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
Table 10. Bytes 1 and 2 of TLOW Register
All 12 bits for the Temperature, THIGH, and TLOW Registers
are used in the comparisons for the ALERT function for all
converter resolutions. The three LSBs in THIGH and TLOW
can affect the ALERT output even if the converter is
configured for 9-bit resolution.
SERIAL INTERFACE
The TMP105 operates only as a slave device on the
Two-Wire bus and SMBus. Connections to the bus are
made via the open-drain I/O lines SDA and SCL. The SDA
and SCL pins feature integrated spike suppression filters
and Schmitt triggers to minimize the effects of input spikes
and bus noise. The TMP105 supports the transmission
protocol for fast (1kHz to 400kHz) mode. All data bytes are
transmitted MSB first.


Số phần tương tự - TMP105YZCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-18 TRUMPOWER-TMP105-18 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

Mô tả tương tự - TMP105YZCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com