công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72F344K2T6 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện ST72F344K2T6
Giải thích chi tiết về linh kiện  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F344K2T6 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button ST72F344K2T6 Datasheet HTML 5Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 6Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 7Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 8Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 9Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 10Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 11Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 12Page - STMicroelectronics ST72F344K2T6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 191 page
background image
ST72340, ST72344, ST72345
9/191
11 26 29
PC3 (HS)/
ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
12 27 30
PC4/MISO/
ICCDATA3)
I/O CT
X
XX
X
Port C4
SPI Master In /
Slave Out Data
ICC Data In-
put
13 28 31
PC5/MOSI/
AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master Out /
Slave In Data
ADC Analog
Input 14
14 29 32
PC6/SCK/
ICCCLK3)
I/O CT
X
X
X
X
Port C6
SPI Serial Clock
ICC Clock
Output
15 30 33
PC7/SS/AIN15 I/O CT
X
XX
X
X
Port C7
SPI Slave Select
(active low)
ADC Analog
Input 15
16 31 34
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
-32 35
VDD_1
S
Digital Main Supply Voltage
-33 36
VSS_1
S
Digital Ground Voltage
--
37
PD7/
SCL3SNS
I/O CT HS
X
T
Port D7
I2C3SNS Serial Clock
--
38
PD6/
SDA3SNS
I/O CT HS
X
T
Port D6
I2C3SNS Serial Data
17 34 39
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
35 40
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
18 36 41
PA6 (HS)/SDA I/O CT HS
X
T
Port A6
I2C Serial Data
19 37 42
PA7 (HS)/SCL I/O CT HS
X
T
Port A7
I2C Serial Clock
20 38 43
ICCSEL
I
ICC Mode selection
21 39 44
RESET
I/O CT
Top priority non maskable interrupt.
22 40 45
VSS_2
S
Digital Ground Voltage
23 41 46
OSC2
O
Resonator oscillator inverter output
24 42 47
OSC1
I
External clock input or Resonator oscillator in-
verter input
25 43 48
VDD_2
S
Digital Main Supply Voltage
26 44
1
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
27 1
2
PE1/RDI
I/O CT
X
ei0
X
X
Port E1
SCI Receive Data In
28 2
3
PB0
I/O CT
X
ei2
X
X
Port B0
-3
4
PB1
I/O CT
X
ei2
X
X
Port B1
-4
5
PB2
I/O CT
X
ei2
X
X
Port B2
29 5
6
PB3
I/O CT
X
ei2
X
X
Port B3
30 6
7
PB4 (HS)
I/O CT HS
X
ei3
X
X
Port B4
31 7
8
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
32 8
9
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
-
9
10
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
-
10 11
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
-
11 12
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
12 13
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output


Số phần tương tự - ST72F344K2T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72F34X-SK/RAIS STMICROELECTRONICS-ST72F34X-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
More results

Mô tả tương tự - ST72F344K2T6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com