công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC4256C-5F256BI bảng dữ liệu(PDF) 9 Page - Lattice Semiconductor

tên linh kiện LC4256C-5F256BI
Giải thích chi tiết về linh kiện  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-5F256BI bảng dữ liệu(HTML) 9 Page - Lattice Semiconductor

Back Button LC4256C-5F256BI Datasheet HTML 5Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 6Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 7Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 8Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 9Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 10Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 11Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 12Page - Lattice Semiconductor LC4256C-5F256BI Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
9
Output Routing Pool (ORP)
The Output Routing Pool allows macrocell outputs to be connected to any of several I/O cells within an I/O block.
This provides greater flexibility in determining the pinout and allows design changes to occur without affecting the
pinout. The output routing pool also provides a parallel capability for routing macrocell-level OE product terms. This
allows the OE product term to follow the macrocell output as it is switched between I/O cells. Additionally, the out-
put routing pool allows the macrocell output or true and complement forms of the 5-PT bypass signal to bypass the
output routing multipliers and feed the I/O cell directly. The enhanced ORP of the ispMACH 4000 family consists of
the following elements:
• Output Routing Multiplexers
• OE Routing Multiplexers
• Output Routing Pool Bypass Multiplexers
Figure 7 shows the structure of the ORP from the I/O cell perspective. This is referred to as an ORP slice. Each
ORP has as many ORP slices as there are I/O cells in the corresponding I/O block.
Figure 7. ORP Slice
Output Routing Multiplexers
The details of connections between the macrocells and the I/O cells vary across devices and within a device
dependent on the maximum number of I/Os available. Tables 5-9 provide the connection details.
Table 6. ORP Combinations for I/O Blocks with 8 I/Os
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M2, M3, M4, M5, M6, M7, M8, M9
I/O 2
M4, M5, M6, M7, M8, M9, M10, M11
I/O 3
M6, M7, M8, M9, M10, M11, M12, M13
I/O 4
M8, M9, M10, M11, M12, M13, M14, M15
I/O 5
M10, M11, M12, M13, M14, M15, M0, M1
I/O 6
M12, M13, M14, M15, M0, M1, M2, M3
I/O 7
M14, M15, M0, M1, M2, M3, M4, M5
Output Routing Multiplexer
OE Routing Multiplexer
ORP
Bypass
Multiplexer
From Macrocell
From PTOE
To I/O
Cell
To I/O
Cell
Output
OE
5-PT Fast Path


Số phần tương tự - LC4256C-5F256BI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lattice Semiconductor
LC4256C-5F256BI1 LATTICE-LC4256C-5F256BI1 Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Mô tả tương tự - LC4256C-5F256BI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com