công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141541 bảng dữ liệu(PDF) 9 Page - Motorola, Inc |
|
MC141541 bảng dữ liệu(HTML) 9 Page - Motorola, Inc |
9 / 16 page MC141541 9 MOTOROLA Row 10 Coln 7 WEN CCS1 COL START ADDR MSB LSB COLN 7 0 1 2 3 4 5 6 7 ROW 10 PWMCK_EN Bit 2 WEN — This bit enables the background Window 3 generation when it is set. Bit 1 CCS1 — This additional color select bit provides the characters residing within Window 3 with two extra color selections, making a total of four selections for that row. Bit 0 PWMCK_EN — When this bit is set to 1, the HTONE/ PWMCK pin will be switched to a clock output which is syn- chronous to the H sync and used as an external PWM (pulse width modulation) clock source. Refer to the pin description of HTONE/PWMCK for more information. After power–on, the default value is 0. Row 10 Coln 8 RG COL END ADDR MSB LSB COLN 8 0 1 2 3 4 5 6 7 B ROW 10 Bit 2–0 R, G and B — These bits control the color of Win- dow 3. Window 1 occupies Columns 0–2 of Row 10; Window 2 occupies Columns 3–5; and Window 3 occupies 6–8. Win- dow 1 has the highest priority, and Window 3 the least. If win- dow overlapping occurs, the higher priority window will cover the lower one, and the higher priority color will take over on the overlap window area. If the start address is greater than the end address, this window will not be displayed. Frame Control Registers Frame Control Register Row 10 Coln 9 0 1 2 3 4 5 6 7 LSB COLN 9 MSB VERTD Bit 7–0 VERTD — These eight bits define the vertical start- ing position. There are a total of 256 steps, with an increment of four horizontal lines per step for each field. The value can- not be zero anytime, and the default value is 4. Frame Control Register Row 10 Coln 10 0 1 2 3 4 5 6 7 LSB COLN 10 MSB HORD TB Bit 7 TB — Reserved test bit. Bit 6–0 HORD — These bits define the horizontal starting position for character display. Seven bits give a total of 96 steps and each increment represents a five–dot shift to the right on the monitor screen. The value cannot be zero any- time, and the default value is 10. Frame Control Register Row 10 Coln 11 7 COLN 11 65 4 3 2 1 0 CH5 CH4 CH3 CH2 CH1 CH0 TB TB Bit 7 TB — Reserved test bit. Bit 6 TB — Reserved test bit. Bit 5–0 CH5–CH0 — These six bits determine the dis- played character height. It is possible to have a proper char- acter height by setting a value greater than or equal to 16 on a different horizontal frequency monitor. Setting a value be- low 16 will not have a predictable result. Figure 10 illustrates how this chip expands the built–in character font to the de- sired height. 0 14 13 12 11 10 9 8 7 6 5 4 3 2 1 15 16 lines 22 lines 34 lines 25 lines Built–in font Display character when CH=22 Display character when CH=34 when CH=25 Display character (10x16 matrix) when CH=16 Figure 10. Variable Character Height Frame Control Register Row 10 Coln 12 7 OSD_EN COLN 12 65 43 2 1 0 BSEN SHADOW FBKGC X32B TB TB Bit 7 OSD_EN — The OSD circuit is activated when this bit is set. Bit 6 BSEN — This bit enables the character bordering or shadowing function when it is set. Bit 5 SHADOW — Characters with black–edge shadowing are selected if this bit is set; otherwise bordering prevails. Bit 4 TB — Reserved test bit. Bit 3 X32B — This bit determines the number of dots per horizontal line. There are 320 dots per horizontal line if Bit X32B is clear, which is also the default power–on state. Otherwise, 480 dots per horizontal sync line is chosen when Bit X32B is set to 1. Refer to Table 2 for details. Bit 2 TB — Reserved test bit. Bit 1 TB — Reserved test bit. Bit 0 FBKGC — Bit 0 determines the configuration of the FBKG output pin. When it is clear, the FBKG pin outputs high while displaying characters or windows; otherwise, the FBKG pin outputs high only while displaying characters. |
Số phần tương tự - MC141541 |
|
Mô tả tương tự - MC141541 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |