công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV212A32 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện MTV212A32
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212A32 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTV212A32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 10 -
2000/07/04
6.2.1 H-Freq Table
Output Value (14 bits)
H-Freq(KHZ)
12MHz OSC (hex / dec)
1
31.5
0FDEh / 4062
2
37.5
0D54h / 3412
3
43.3
0B8Bh / 2955
4
46.9
0AA8h / 2728
5
53.7
094Fh / 2383
6
60.0
0854h / 2132
7
68.7
0746h / 1862
8
75.0
06AAh / 1706
9
80.0
063Fh / 1599
10
85.9
05D1h / 1489
11
93.8
0554h / 1364
12
106.3
04B3h / 1203
6.2.2 V-Freq Table
Output value (12bits)
V-Freq(Hz)
12MHz OSC (hex / dec)
1
56
45Ch / 1116
2
60
411h / 1041
3
70
37Ch /
892
4
72
364h /
868
5
75
341h /
833
6
85
2DFh /
735
6.3 H/V Present Check
The Hpresent function checks the input HSYNC pulse, Hpre flag is set when HSYNC is over 10KHz or
cleared when HSYNC is under 10Hz. The Vpresent function checks the input VSYNC pulse, the Vpre flag is
set when VSYNC is over 40Hz or cleared when VSYNC is under 10Hz. The HPRchg interrupt is set when
the Hpre value changes. The VPRchg interrupt is set when the Vpre/CVpre value change. However, the
CVpre flag interrupt may be disabled when S/W disable the composite function.
6.4 H/V Polarity Detect
The polarity functions detect the input HSYNC/VSYNC high and low pulse duty cycle. If the high pulse
duration is longer than that of low pulse, the negative polarity is asserted; otherwise, positive polarity is
asserted. The HPLchg interrupt is set when the Hpol value changes. The VPLchg interrupt is set when the
Vpol value changes.
6.5 Output HBLANK/VBLANK Control and Polarity Adjust
The HBLANK is the mux output of HSYNC, composite Hpulse and self-test horizontal pattern. The VBLANK
is the mux output of VSYNC, CVSYNC and self-test vertical pattern. The mux selection and output polarity
are S/W controllable. The VBLANK output is cut off when VSYNC frequency is over 200Hz. The
HBLANK/VBLANK shares the output pin with P4.1/ P4.0.
6.6 Self Test Pattern Generator
This generator can generate 4 display patterns for testing purpose, which are positive cross-hatch, negative
cross-hatch, full white, and full black (showed as following figure). The HBLANK output frequency of the
pattern can be chosen to 63.5KHz, 47.6KHz and 31.75KHz. The VBLANK output frequency of the pattern is
60Hz. It is originally designed to support monitor manufacturer to do burn-in test, or offer end-user a
reference to check the monitor. The generator's output STOUT shares the output pin with P4.2.


Số phần tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212A32 ETC1-MTV212A32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A32U ETC1-MTV212A32U Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Mô tả tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com