công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM39501-5.0 bảng dữ liệu(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

tên linh kiện LM39501-5.0
Giải thích chi tiết về linh kiện  5A Low-Voltage Low-Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HTC [HTC Korea TAEJIN Technology Co.]
Trang chủ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39501-5.0 bảng dữ liệu(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM39501-5.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39501-5.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39501-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39501-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39501-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39501-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5A Low-Voltage Low-Dropout Regulator
LM39500/39501/39502
FEATURES
•5.0A minimum guaranteed output current
•400mV typical dropout voltage
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
•1% initial accuracy
•Low ground current
•Current limiting and thermal shutdown
•Reversed-battery protection
•Reversed-leakage protection
•Fast transient response
•TTL/CMOS compatible enable pin-LM39501 only
•Error flag output - LM39501 only
•Ceramic capacitor stable(See application information)
•Adjustable version - LM39502 only
APPLICATIONS
•Low-voltage Digatal Ics
•LDO linear regulator for PC add-in cards
•High-efficiency linear power supplies
•Multimedia and PC processor supplies
•SMPS post regulator
•Low-voltage microcontrollers
•Strong ARM™ processor supply
ORDERING INFORMATION
DESCRIPTION
HTC
TO-263
LM39500-X.X
LM39500R- X.X
TO-220
LM39502T-Adj
LM39502-Adj
LM39500T-X.X
TO-220
LM39501T-X.X
TO-220
ADJ
OUT
Device
Marking
LM39502R-Adj
Logic low or open = Shutdown
Supply (Input): +16V maximum supply
Flag (Output): Open-collector error flag output.
LM39501R-X.X
TO-263
LM39501-X.X
Regulator Output
LM39501-X.X
1
GND
FLG
Ground pin and TAB are internally connected.
LM39500-X.X
Adjustment Input: Feedback input.
Package
LM39502-Adj
TO-263
PIN DESCRIPTION
Enable
(Input)
IN
CMOS-compatible control input.
Logic high = enable, logic
* X.X = Fixed Vout = 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
The LM39500/1/2 is ideal for PC Add-In cards that need to convert from standard 5V or 3.3V, down to
new, lower core voltages. A guaranteed maximum dropout voltage of 500mV over all operating conditions
allows the LM39500/1/2 to provide 2.5V from a supply as low as 3V. The LM39500 also has fast transient
response, for heavy switching applications. The device requires only 47F of output capacitance to maintain
stability and achieve fast transient responseThe LM39500/1/2 is fully protected with overcurrent
limiting,thermal shutdown, reversed-battery and reversed-lead in-sertion protection. The LM39501 offers a
TTL-logic-compat-ible enable pin and an error flag that indicates undervoltage and overcurrent
conditions. The LM39500/1/2 comes in the TO-220 and TO-263 packages and is an ideal upgrade to
older,NPN-based linear voltage regulators.
The LM39502 is adjustable version.
TO263-3L / TO220-3L
(39500-x.x Fixed only)
1. In
2. Gnd
3. Out
1. En
2. In
3. Gnd
4. Out
5. Flg or Adj
TO263-5L / TL220-5L
(39501-x.x & 39502 only)
The LM39500, LM39501 and LM39502 is a 5A
low-dropout linear voltage regulator that provides
a low-voltage, high-current output with a
minimum of external components. Utilizing Super
beta PNP pass element, The LM39500 offers
extremely low dropout (typically 400mV at 5A)
and low ground current (typically 70mA at 5A).


Số phần tương tự - LM39501-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM39501R HTC-LM39501R Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39501T HTC-LM39501T Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
More results

Mô tả tương tự - LM39501-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com