công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM39501T-3.3 bảng dữ liệu(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

tên linh kiện LM39501T-3.3
Giải thích chi tiết về linh kiện  5A Low-Voltage Low-Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HTC [HTC Korea TAEJIN Technology Co.]
Trang chủ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39501T-3.3 bảng dữ liệu(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  LM39501T-3.3 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39501T-3.3 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39501T-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39501T-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39501T-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39501T-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5A Low-Voltage Low-Dropout Regulator
LM39500/39501/39502
HTC
6
Minimum Load Current
The LM39500/1/2 regulator is specified between finite loads.
If the output current is too small, leakage currents dominate and the output voltage rises.
A 10mA minimum load current is necessary for proper regulation.
Transient Response and 3.3V to 2.5V Conversion
The LM39500/1/2 has excellent transient response to varia-tions in input voltage and load current. The device has
been designed to respond quickly to load current variations and input voltage variations. Large output capacitors are
not required to obtain this performance. A standard 47F output capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even further.
By virtue of its low-dropout voltage, this device does not saturate into dropout as readily as similar NPN-based de-
signs. When converting from 3.3V to 2.5V, the NPN-based regulators are already operating in dropout, with typical
dropout requirements of 1.2V or greater. To convert down to 2.5V without operating in dropout, NPN-based regulators
require an input voltage of 3.7V at the very least. The LM39500/1/2 regulator will provide excellent performance with
an input as low as 3.0V. This gives the PNP-based regulators a distinct advantage over older, NPN-based linear
regulators does not have the headroom to dothis conversion.
Error Flag
The LM39501 version features an error flag circuit which monitors the output voltage and signals an error condition
when the voltage drops 5% below the nominal output voltage. The error flag is an open-collector output that can sink
10mA during a fault condition.
Low output voltage can be caused by a number of problems, including an overcurrent fault (device in current limit) or
low input voltage. The flag is inoperative during overtemperature shutdown.
Enable Input
The LM39501 version features an enable input for on/off control of the device. Its shutdown state draws “zero” current
(only microamperes of leakage). The enable input is TTL/ CMOS compatible for simple logic interface, but can be
connected to up to 20V.
Adjustable Regulator Design
The LM39502 allows programming the output voltage any-where between 1.25V and the 16V maximum operating
rating of the family. Two resistors are used. Resistors can be quite large, up to 1MΩ, because of the very high input
impedance and low bias current of the sense comparator: The resistor values are calculated by :
R1=R2(Vout/1.250-
1)
Where VO is the desired output voltage. Figure 1 shows component definition. Applications with widely varying load
lh
i
d
h
i i
l
d
i d f
i
(
b l
)


Số phần tương tự - LM39501T-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM39501T HTC-LM39501T Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
More results

Mô tả tương tự - LM39501T-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com