công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5251 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5251
Giải thích chi tiết về linh kiện  ColdFire Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5251 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Electrical Specifications
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 2.1
Freescale Semiconductor
11
4
Electrical Specifications
Table 4 through Table 9 provide the electrical characteristics for the MCF5251 processor. The remaining
figures and tables in this section provide the timing diagrams and the timing parameters for the MCF5251
processor.
Table 4 provides the maximum rating parameters for the MCF5251 processor.
Table 5 provides the recommended operating temperatures for the MCF5251 processor.
Table 6 provides the recommended operating supply voltages for the MCF5251 processor.
Table 4. Maximum Ratings
Rating
Symbol
Value
Units
Supply Core Voltage
Vcc
-0.5 to +2.5
V
Maximum Core Operating Voltage
Vcc
+1.32
V
Minimum Core Operating Voltage
Vcc
+1.08
V
Supply I/O Voltage
Vcc
-0.5 to +4.6
V
Maximum I/O Operating Voltage
Vcc
+3.6
V
Minimum I/O Operating Voltage
Vcc
+3.0
V
Input Voltage
Vin
–0.5 to +6.0
V
Storage Temperature Range
Tstg
–65 to +150
oC
Table 5. Operating Temperature
Characteristic
Symbol
Value
Units
Maximum Operating Ambient Temperature
TAmax
851
1 This published maximum operating ambient temperature should be used only as a system design guideline. All
device operating parameters are guaranteed only when the junction temperature does not exceed 125o C.
oC
Minimum Operating Ambient Temperature
TAmin
-40
oC
Table 6. Recommended Operating Supply Voltages
Pin Name
Min
Typ
Max
Unit
COREVDD
1.08
1.2
1.32
V
PADVDD
3.0
3.3
3.6
V
ADVDD
3.0
3.3
3.6
V
ADGND
GND
V
OSCPADVDD
3.0
3.3
3.6
V
OSCPADGND
GND
V
USBVDD
3.3
V
USBVDDP
1.2
V


Số phần tương tự - MCF5251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5251VM140 FREESCALE-MCF5251VM140 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
More results

Mô tả tương tự - MCF5251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
logo
Oxford Semiconductor
MCF5272 OXFORD-MCF5272 Datasheet
306Kb / 24P
   Interfacing OTG243 USB Host/Function/OTG Controller toMCF5272 ColdFire Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com