công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5251 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5251
Giải thích chi tiết về linh kiện  ColdFire Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF5251 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Signal Description
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 2.1
Freescale Semiconductor
7
ISA bus read strobe
IDE_DIOR/GPIO31
(CS2)
1 ISA bus read strobe and 1 ISA bus
write strobe—allow connection of an
independent ISA bus peripheral,
such as an IDE slave device.
In/Out
ISA bus write strobe
IDE_DIOW/GPIO32
(CS2)
In/Out
ISA bus wait signal
IDE_IORDY/GPIO33
ISA bus wait line available for both
busses
In/Out
Chip Selects[2:0]
CS0/CS4
CS1/QSPICS3/GPIO28
Chip selects bits 2 through 0—
enable peripherals at programmed
addresses. CS0 provides boot ROM
selection.
Out
In/Out
negated
Buffer enable 1
BUFENB1/GPIO29
Two programmable buffer
enables—allow seamless steering of
external buffers to split data and
address bus in sections.
In/Out
Buffer enable 2
BUFENB2/GPIO30
In/Out
Transfer acknowledge
TA/GPIO12
Transfer Acknowledge signal.
In/Out
Wake Up
WAKEUP/GPIO21
Wake-up signal input
In
Serial Clock Line
SCL0/SDATA1_BS1/GPIO41
SCL1/TXD1/GPIO10
Clock signal for Dual I2C module
operation
In/Out
Serial Data Line
SDA0/SDATA3/GPIO42
SDA1/RXD1/GPIO44
Serial data port for second I2C
module operation
In/Out
Receive Data
SDA1/RXD1/GPIO44
RXD0/GPIO46
EF/RXD2/GPIO6
Receive serial data input for UART
In
Transmit Data
SCL1/TXD1/GPIO10
TXD0/GPIO45
XTRIM/TXD2/GPIO0
Transmit serial data output for UART
Out
Request-To-Send
DDATA3/RTS0/GPIO4
DDATA1/RTS1/SDATA2_BS2/GPIO2
Signals sent from UART0/1 that it is
ready to receive data
Out
Clear-To-Send
DDATA2/CTS0/GPIO3
DDATA0/CTS1/SDATA0_SDIO1/GPIO1
Signals sent to UART0/1 that data
can be transmitted to peripheral
In
Timer Output
SDATAO1/TOUT0/GPIO18
Capability of output waveform or
pulse generation
Out
IEC958 inputs
EBUIN1/GPIO36
EBUIN2/SCLKOUT/GPIO13
EBUIN3/CMD_SDIO2/GPIO14
QSPICS0/EBUIN4/GPIO15
Audio interfaces to IEC958 inputs
In
IEC958 outputs
EBUOUT1/GPIO37
QSPICS1/EBUOUT2/GPIO16
Audio interfaces to IEC958 outputs
Out
Serial data in
SDATAI1/GPIO17
SDATAI3/GPIO8
Audio interfaces to serial data inputs
In
Table 3. MCF5251 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State


Số phần tương tự - MCF5251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5251VM140 FREESCALE-MCF5251VM140 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
More results

Mô tả tương tự - MCF5251

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
logo
Oxford Semiconductor
MCF5272 OXFORD-MCF5272 Datasheet
306Kb / 24P
   Interfacing OTG243 USB Host/Function/OTG Controller toMCF5272 ColdFire Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com