công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM39100-5.0 bảng dữ liệu(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

tên linh kiện LM39100-5.0
Giải thích chi tiết về linh kiện  1A Low-Voltage Low-Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HTC [HTC Korea TAEJIN Technology Co.]
Trang chủ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39100-5.0 bảng dữ liệu(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  LM39100-5.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM39100-5.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
HTC
8
Minimum Load Current
The LM39100/1/2 regulator is specified between finite loads.If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum load current is necessary for proper regulation.
Adjustable Regulator Design
The LM39102 allows programming the output voltage any-where between 1.24V and the 16V maximum operating
rating of the family. Two resistors are used. Resistors can be quite large, up to 1MΩ, because of the very high input
impedance and low bias current of the sense comparator: The resistor values are calculated by :
R1=R2(Vout/1.240-
1)
Where VO is the desired output voltage. Figure 1 shows component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load current required for proper operation (see below).
Power SOP-8 Thermal Characteristics
One of the secrets of the LM39101/2’s performance is its power SO-8 package featuring half the thermal resistance
of a standard SO-8 package. Lower thermal resistance means more output current or higher input voltage for a given
package size.Lower thermal resistance is achieved by joining the four ground leads with the die attach paddle to
create a single-piece electrical and thermal conductor. This concept hasbeen used by MOSFET manufacturers for
years, proving very reliable and cost effective for the user.Thermal resistance consists of two main elements, θ
JC(junction-to-case thermal resistance) and θCA (case-to-ambient thermal resistance). See Figure2. θJC is the
resistance from the die to the leads of the package. θCA is the resistance from the leads to the ambient air and it
includes θCS (case-to-sink thermal resistance) and θSA (sink-to-ambient thermal resistance).Using the power SOP-
8 reduces the θJC dramatically and allows the user to reduce θCA. The total thermal resistance,θJA (junction-to-
ambient thermal resistance) is the limiting factor in calculating the maximum power dissipation capabil-ity of the
device. Typically, the power SOP-8 has a θJC of20°C/W, this is significantly lower than the standard SOP-8 which is
typically 75°C/W. θCA is reduced because pins 5 through 8 can now be soldered directly to a ground plane which
significantly reduces the case-to-sink thermal resis-tance and sink to ambient thermal resistance.Low-dropout linear
regulators from HTC are rated to amaximum junction temperature of 125°C. It is important not to exceed this
maximum junction temperature during operation of the device. To prevent this maximum junction temperature from
being exceeded, the appropriate ground plane heatsink must be used.
Figure3 shows copper area versus power dissipation with each trace corresponding to a different temperature rise
above ambient.From these curves, the minimum area of copper necessary for the part to operate safely can be
determined. The maxi-mum allow able temperature rise must be calculated to deter-mine operation along which
curve.
∆T = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50°C, the∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C


Số phần tương tự - LM39100-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Mô tả tương tự - LM39100-5.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com