công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM78L18F bảng dữ liệu(PDF) 7 Page - HTC Korea TAEJIN Technology Co. |
|
LM78L18F bảng dữ liệu(HTML) 7 Page - HTC Korea TAEJIN Technology Co. |
7 / 13 page FIXED VOLTAGE REGULATOR LM78L08 LM78L08 ELECTRICAL CHARACTERISTICS (At specified virtual junction temperature, VI=14V, IO=40㎃ (unless otherwise noted) Characteistic Symbol Test condition * Min. Typ. Max. Unit 25℃ 7.7 8 8.3 Output voltage ** VOUT 1㎃≤IO≤40㎃ 0℃ ∼ 125℃ 7.6 8 8.4 V 10.5V≤VI≤23V 1㎃≤IO≤70㎃ 7.6 8 8.4 Line regulation Reg line 10.5V≤VI≤23V 25℃ 42 175 ㎷ 11V≤VI≤23V 36 125 Load regulation Reg load 1㎃≤IO≤100㎃ 25℃ 18 80 ㎷ 1㎃≤IO≤40㎃ 10 40 Bias current IB 25℃ 4 6 ㎃ 125℃ 5.5 Bias current change △IB 11V≤VI≤23V 0℃ ∼ 125℃ 1.5 ㎃ 1㎃≤IO≤40㎃ 0.1 Output noise voltage VN 10Hz≤f≤100kHz 25℃ 54 ㎶ Ripple rejection RR 13V≤VI≤23V 25℃ 37 46 ㏈ f=120Hz Dropout voltage VD 25℃ 1.7 V Notes *. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌ capacitor across the output. **. This specification applies only for DC power dissipation permitted by absolute maximum ratings. Mar. 2006 - Rev 06 HTC 32 |
Số phần tương tự - LM78L18F |
|
Mô tả tương tự - LM78L18F |