công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM78L07F bảng dữ liệu(PDF) 3 Page - HTC Korea TAEJIN Technology Co. |
|
LM78L07F bảng dữ liệu(HTML) 3 Page - HTC Korea TAEJIN Technology Co. |
3 / 13 page FIXED VOLTAGE REGULATOR LM78L05 LM78L05 ELECTRICAL CHARACTERISTICS (At specified virtual junction temperature, VI=10V, IO=40㎃ (unless otherwise noted) Characteistic Symbol Test condition * Min. Typ. Max. Unit Output voltage ** VOUT 25℃ 4.8 5 5.2 1㎃≤IO≤40㎃ 0℃ ∼ 125℃ 4.75 5 5.25 V 7V≤VI≤20V 1㎃≤IO≤70㎃ 4.75 5 5.25 Line regulation Reg line 7V≤VI≤20V 25℃ 32 150 ㎷ 8V≤VI≤20V 26 100 Load regulation Reg load 1㎃≤IO≤100㎃ 25℃ 15 60 ㎷ 1㎃≤IO≤40㎃ 8 30 Bias current IB 25℃ 3.8 6 ㎃ 125℃ 5.5 Bias current change △IB 9V≤VI≤20V 0℃ ∼ 125℃ 1.5 ㎃ 1㎃≤IO≤40㎃ 0.1 Output noise voltage VN 10Hz≤f≤100kHz 25℃ 42 ㎶ Ripple rejection RR 8V≤VI≤18V f=120Hz 25℃ 41 49 ㏈ Dropout voltage VD 25℃ 1.7 V Notes *. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌ capacitor across the output. **. This specification applies only for DC power dissipation permitted by absolute maximum ratings. Mar. 2006 - Rev 06 HTC 28 |
Số phần tương tự - LM78L07F |
|
Mô tả tương tự - LM78L07F |