công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1706A bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BU1706A
Giải thích chi tiết về linh kiện  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU1706A bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BU1706A Datasheet HTML 1Page - NXP Semiconductors BU1706A Datasheet HTML 2Page - NXP Semiconductors BU1706A Datasheet HTML 3Page - NXP Semiconductors BU1706A Datasheet HTML 4Page - NXP Semiconductors BU1706A Datasheet HTML 5Page - NXP Semiconductors BU1706A Datasheet HTML 6Page - NXP Semiconductors BU1706A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1706A
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic envelope
intended for use in high frequency electronic lighting ballast applications.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1750
V
V
CEO
Collector-emitter voltage (open base)
-
850
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
100
W
V
CEsat
Collector-emitter saturation voltage
I
C = 1.5 A; IB = 0.3 A
-
1.0
V
I
Csat
Collector saturation current
1.5
-
A
t
f
Fall time
I
CM = 1.5 A; IB(on) = 0.3 A
0.25
0.6
µs
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1750
V
V
CEO
Collector-emitter voltage (open base)
-
850
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
I
B
Base current (DC)
-
3
A
I
BM
Base current peak value
-
5
A
-I
B(AV)
Reverse base current
average over any 20ms period
-
100
mA
-I
BM
Reverse base current peak value
-
4
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
100
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
1.25
K/W
R
th j-a
Junction to ambient
in free air
60
-
K/W
12 3
tab
b
c
e
September 1997
1
Rev 1.000


Số phần tương tự - BU1706A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
BU1706A ISC-BU1706A Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU1706AX PHILIPS-BU1706AX Datasheet
78Kb / 7P
   Silicon Diffused Power Transistor
April 1994 Rev 1.000
logo
Inchange Semiconductor ...
BU1706AX ISC-BU1706AX Datasheet
98Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU1706AX SAVANTIC-BU1706AX Datasheet
204Kb / 3P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - BU1706A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com