công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5539S bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5539S
Giải thích chi tiết về linh kiện  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5539S bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5539S Datasheet HTML 2Page - Analog Devices AD5539S Datasheet HTML 3Page - Analog Devices AD5539S Datasheet HTML 4Page - Analog Devices AD5539S Datasheet HTML 5Page - Analog Devices AD5539S Datasheet HTML 6Page - Analog Devices AD5539S Datasheet HTML 7Page - Analog Devices AD5539S Datasheet HTML 8Page - Analog Devices AD5539S Datasheet HTML 9Page - Analog Devices AD5539S Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5539
REV. B
–6–
FUNCTIONAL DESCRIPTION
The AD5539 is a two-stage, very high frequency amplifier.
Darlington input transistors Q1, Q4–Q2, Q3 form the first
stage—a differential gain amplifier with a voltage gain of ap-
proximately 50. The second stage, Q5, is a single-ended ampli-
fier whose input is derived from one phase of the differential
amplifier output; the other phase of the differential output is
then summed with the output of Q5. The all NPN design of the
AD5539 is configured such that the emitter of Q5 is returned,
via a small resistor to ground; this eliminates the need for sepa-
rate level shifting circuitry.
The output stage, consisting of transistors Q9 and Q10, is a
Darlington voltage follower with a resistive pull-down. The bias
section, consisting of transistors Q6, Q7 and Q8, provides a
stable emitter current for the input section, compensating for
temperature and power supply variations.
SOME GENERAL PRINCIPLES OF HIGH FREQUENCY
CIRCUIT DESIGN
In designing practical circuits with the AD5539, the user must
remember that whenever very high frequencies are involved,
some special precautions are in order. All real-world applica-
tions circuits must be built using proper RF techniques: the use
of short interconnect leads, adequate shielding, groundplanes,
and very low profile IC sockets. In addition, very careful bypass-
ing of power supply leads is a must.
Low-impedance transmission line is frequently used to carry sig-
nals at RF frequencies: 50
Ω line for telecommunications pur-
poses and 75
Ω for video applications. The AD5539 offers a
relatively low output impedance; therefore, some consideration
must be given to impedance matching. A common matching
technique involves simply placing a resistor in series with the
amplifier output that is equal to the characteristic impedance of
the transmission line. This provides a good match (although at a
loss of 6 dB), adequate for many applications.
All of the circuits here were built and tested in a 50
Ω system.
Care should be taken in adapting these circuits for each particu-
lar use. Any system which has been properly matched and ter-
minated in its characteristic impedance should have the same
small signal frequency response as those shown in this
data sheet.
Figure 11. Deviation from Ideal Gain
vs. Closed-Loop Voltage Gain
Figure 10. Full Power Response
Figure 12. AD5539 Circuit


Số phần tương tự - AD5539S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Mô tả tương tự - AD5539S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com