công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1506DX bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BU1506DX
Giải thích chi tiết về linh kiện  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU1506DX bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BU1506DX Datasheet HTML 1Page - NXP Semiconductors BU1506DX Datasheet HTML 2Page - NXP Semiconductors BU1506DX Datasheet HTML 3Page - NXP Semiconductors BU1506DX Datasheet HTML 4Page - NXP Semiconductors BU1506DX Datasheet HTML 5Page - NXP Semiconductors BU1506DX Datasheet HTML 6Page - NXP Semiconductors BU1506DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1506DX
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
2
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 7.5 V; IC = 0 A
90
-
180
mA
BV
EBO
Emitter-base breakdown voltage
I
B = 600 mA
7.5
13.5
-
V
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
700
-
-
V
L = 25 mH
R
be
Base-emitter resistance
V
EB = 7.5 V
-
55
-
V
CEsat
Collector-emitter saturation voltage
I
C = 3.0 A; IB = 0.79 A
-
-
5.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 3.0 A; IB = 0.79 A
-
-
1.1
V
h
FE
DC current gain
I
C = 0.3 A; VCE = 5 V
-
12
-
h
FE
I
C = 3.0 A; VCE = 5 V
3.8
5.5
7.5
V
F
Diode forward voltage
I
F = 3.0 A
-
1.6
2.0
V
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
C
c
Collector capacitance
I
E = 0 A; VCB = 10 V; f = 1 MHz
47
-
pF
Switching times (line deflection
I
CM = 3.0 A; LC = 1.35 mH;
circuit)
C
FB = 9.4 nF; IB(end) = 0.67 A;
L
B = 8 µH; -VBB = 4 V;
(-dI
B/dt = 0.45 A/µs)
t
s
Turn-off storage time
4.5
6.0
µs
t
f
Turn-off fall time
0.25
0.5
µs
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.300


Số phần tương tự - BU1506DX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Savantic, Inc.
BU1506DX SAVANTIC-BU1506DX Datasheet
205Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU1506DX ISC-BU1506DX Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU1506DX SAVANTIC-BU1506DX Datasheet
207Kb / 3P
   Silicon NPN Power Transistors
More results

Mô tả tương tự - BU1506DX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com