công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1318MT bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện MCP1318MT
Giải thích chi tiết về linh kiện  Voltage Supervisor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1318MT bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button MCP1318MT Datasheet HTML 23Page - Microchip Technology MCP1318MT Datasheet HTML 24Page - Microchip Technology MCP1318MT Datasheet HTML 25Page - Microchip Technology MCP1318MT Datasheet HTML 26Page - Microchip Technology MCP1318MT Datasheet HTML 27Page - Microchip Technology MCP1318MT Datasheet HTML 28Page - Microchip Technology MCP1318MT Datasheet HTML 29Page - Microchip Technology MCP1318MT Datasheet HTML 30Page - Microchip Technology MCP1318MT Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
© 2005 Microchip Technology Inc.
DS21985A-page 27
MCP131X/2X
4.1.1
POWER-UP/RISING VDD
As the device VDD rises, the device’s Reset circuit will
remain active until the voltage rises above the “actual”
trip point (VTRIP) plus the hysteresis (VHYS).
Figure 4-13 shows a power-up sequence and the
waveform of the RST and RST pins.
As the device powers up, the voltage will start below
the valid operating voltage of the device. At this volt-
age, the Reset output value is not valid. Once the volt-
age is above the minimum operating voltage (1V) and
below the selected VTRIP, the Reset output will be
active.
Once the device voltage rises above the “actual” trip
point (VTRIP) plus the hysteresis (VHYS), the Reset delay
timer (tRST) starts. When the Reset delay timer times
out, the Reset output (RST/RST) is driven inactive.
FIGURE 4-13:
Reset pin Operation on a
Power-up.
4.1.2
POWER-DOWN/BROWN-OUTS
As the device powers-down/brown-outs, the voltage
(VDD) falls from a voltage above the devices trip point
(VTRIP). The devices “actual” trip point voltage (VTRIP)
will be between the minimum trip point (V
TRIPMIN) and
the maximum trip point (VTRIPMAX). Once the device
voltage (VDD) goes below this voltage, the Reset pin(s)
will be forced to the active state. There is a hysteresis
on this trip point. This is so that noise on the device volt-
age (VDD) does not cause the Reset pin (RST/RST) to
“jitter” (change between driving an active and inactive).
Figure 4-14 shows the waveform of the RST pin as
determined by the VDD voltage, while Table 4-1 shows
the state of the RST pin.
4.1.2.1
Operation of RST pin with Internal
Pull-Up Resistor
The internal pull-up resistor has a typical value of
4.7 k
Ω. The internal pull-up eliminates the need for an
external resistor.
To reduce the current consumption of the device, when
the RST pin is driving low, the resistor is disconnected.
FIGURE 4-14:
RST
Operation as determined by the VTRIP and VHYS.
Note:
While the Reset delay timer (tRST) is
active, additional system current is con-
sumed.
VTRIPMAX
VTRIPMIN
VTRIP
1V
VDD
VTRIP + VHYS
tRST
RST
RST
Note:
Only the MCP1316M, MCP1318M and
MCP1319M devices have an open-drain
RST output pin with an internal pull-up
resistor.
VDD
VTRIPMAX
VTRIPMIN
VTRIP
VTRIP
VTRIP + VHYS
RST
1V
< 1V is outside the
device specifications
tRPD
tRST
tRPD
tRST


Số phần tương tự - MCP1318MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1318MT MICROCHIP-MCP1318MT Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
MCP1318MT-29LE/OT MICROCHIP-MCP1318MT-29LE/OT Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
MCP1318MT-46LE/OT MICROCHIP-MCP1318MT-46LE/OT Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
More results

Mô tả tương tự - MCP1318MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com