công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33298 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc

tên linh kiện MC33298
Giải thích chi tiết về linh kiện  Eight Output Switch with Serial Peripheral Interface I/O
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33298 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33298 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33298 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33298
FUNCTIONAL DESCRIPTION
FAULT LOGIC OPERATION
Figure 19. Output OFF Open Load Fault
An Output OFF Open Load Fault is indicates when the
output voltage is less than the Output Threshold Voltage
(VThres) of 0.6 to 0.8 x VDD. Since the 33298 outputs function
as switches, during normal operation, each MOSFET output
should either be completely turned ON or OFF. By design,
the threshold voltage was selected to be between the ON and
OFF voltage of the MOSFET. During normal operation, the
ON state VDS voltage of the MOSFET is less than the
threshold voltage and the OFF state VDS voltage is greater
than the threshold voltage. This design approach provides
using the same threshold comparator for Output Open Load
Detect in the OFF state and Short Circuit Detect in the ON
state. See Figure 18 for an understanding of the Short Circuit
Detect circuit. With VDD = 5.0 V, an OFF state output voltage
of less than 3.0 V will be detected as an Output OFF Open
Load Fault while voltages greater than 4.0 V will not be
detected as a fault.
The 33298 has an internal pull-down current source of
50 µA, illustrated in Figure 17 between the MOSFET drain
and ground. This current source prevents the output from
floating up to VPWR if there is an open load or internal wire
bond failure. The internal comparator compares the drain
voltage with a reference voltage, VThres (0.6 to 0.8 x VDD). If
the output voltage is less than this reference voltage, the
33298 will declare the condition to be an open load fault.
During steady-state operation, the minimum load
resistance (RL) required to prevent false fault reporting during
normal operation can be located using the following equation:
Therefore, the load resistance necessary to prevent false
open load fault reporting is (using Ohm’s Law) equal to 92 k
or less
.
During output switching, especially with capacitive loads,
a false output OFF Open Load Fault may be triggered. To
prevent this false fault from being reported an internal fault
filter in the range of 25 to 100 µs is incorporated. The duration
in which a false fault may be reported is a function of the load
impedance (RL,CL,LL), RDS(on), and COUT of the MOSFET as
well as the supply voltage (VPWR). The rising edge of CS
triggers a built-in fault delay timer which must time-out (25 or
100 µs) before the fault comparator is enabled to detect at
faulted threshold. The circuit automatically returns to normal
operation once the condition causing the Open Load Fault is
removed.
SHORTED LOAD FAULT
A short load, or over current fault can be caused by any
output being shorted directly to supply, or an output
experiencing a current greater than the current limit.
There are three safety circuits progressively in operation
during load short conditions providing system protection.
They are:
1. The output current of the device is monitored in an
analog fashion using a SENSEFET
™ approach and
current limited.
2. The output current of the device is sensed by
monitoring the MOSFET drain voltage.
3. The output thermal limit of the device is sensed, and
when attained, causes only the specific faulted output
to be latched OFF, allowing all remaining outputs to
operate normally.
Each of the three protection mechanisms are incorporated
in their output providing robust independent output operation.
The analog current limit circuit is always active, monitoring
the output drain current. An over current condition causes the
gate control circuitry to reduce the gate-to-source voltage
imposed on the output MOSFET, re-establishing the load
current in compliance with current limit (1.0 to 3.0 A) range.
Time required for the current limit circuitry to act is less than
20 µs. Therefore, currents higher than 1.0 to 3.0 A will never
be seen for more than 20 µs (a typical duration is 10 µs). If
the current of an output attempts to exceed the
predetermined limit of 1.0 to 3.0 A (2.0 A nominal), the VDS
voltage will exceed the VThres voltage and the over current
comparator will be tripped, illustrated in Figure 18.
Figure 20. Short Circuit Detect and
Analog Current Limiting Circuit
The status of SFPD determines whether the 33298 will
shut down immediately, or continue to operate in an analog
VThres
2.5 to 3.5 V
+
Low = Fault
50 µA
Output
VPWR
RL
33298
MOSFET OFF
VThres
2.5 to 3.5 V
+
High = Fault
Output
VPWR
RL
33298
+
MOSFET ON
Digital
Analog
Vref


Số phần tương tự - MC33298

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298DW FREESCALE-MC33298DW Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298DW NXP-MC33298DW Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
More results

Mô tả tương tự - MC33298

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com