công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1017-1.8VLT bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện TC1017-1.8VLT
Giải thích chi tiết về linh kiện  150 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-1.8VLT bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button TC1017-1.8VLT Datasheet HTML 6Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 7Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 8Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 9Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 10Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 11Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 12Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 13Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC1017
DS21813B-page 10
 2003 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
The TC1017 is a precision, fixed-output, linear voltage
regulator. The internal linear pass element is a
P-Channel MOSFET. As with all P-Channel CMOS
LDOs, there is a body drain diode with the cathode
connected to V
IN and the anode connected to VOUT
(Figure 4-1).
As is shown in Figure 4-1, the output voltage of the
LDO is sensed and divided down internally to reduce
external component count. The internal error amplifier
has a fixed bandgap reference on the inverting input
and the sensed output voltage on the non-inverting
input. The error amplifier output will pull the gate
voltage down until the inputs of the error amplifier are
equal to regulate the output voltage.
By sensing the current in the P-Channel MOSFET, the
maximum current delivered to the load is limited to a
typical average value of 120 mA, preventing excessive
current from damaging the printed circuit board in the
event of a shorted or faulted load.
An internal thermal sensing device is used to monitor
the junction temperature of the LDO. When the sensed
temperature is over the set threshold of 160°C (typical),
the P-Channel MOSFET is turned off. When the
P-Channel is off, the power dissipation internal to the
device is almost zero. The device cools until the
junction temperature is approximately 150°C and the
P-Channel is turned on. If the internal power dissipation
is still high enough for the junction to rise to 160°C, it
will again shut off and cool. The maximum operating
junction temperature of the device is 125°C. Steady-
state operation at or near the 160°C overtemperature
point can lead to permanent damage of the device.
The output voltage V
OUT remains stable over the entire
input operating voltage range (2.7V to 6.0V) and the
entire load range (0 mA to 150 mA). The output voltage
is sensed through an internal resistor divider and
compared with a precision internal voltage reference.
Several fixed-output voltages are available by
changing the value of the internal resistor divider.
Figure 4-2 shows a typical application circuit. The
regulator is enabled any time the shutdown input pin is
at or above V
IH. It is shut down (disabled) any time the
shutdown input pin is below V
IL. For applications where
the SHDN feature is not used, tie the SHDN pin directly
to the input supply voltage source. While in shutdown,
the supply current decreases to 0.006 µA (typical) and
the P-Channel MOSFET is turned off.
As shown in Figure 4-2, batteries have internal source
impedance. An input capacitor is used to lower the
input impedance of the LDO. In some applications, high
input impedance can cause the LDO to become
unstable. Adding
more
input capacitance
can
compensate for this.
FIGURE 4-1:
TC1017 Block Diagram.
FIGURE 4-2:
Typical Application Circuit.
+
-EA
V
OUT
V
REF
SHDN
V
IN
5
4
R1 R2
1
2
3
SHDN
GND
V
IN
NC
Current Limit
Over
Error
Feedback Resistors
Control
Temp.
Body
Diode
Amp
V
OUT
5
4
1
2
3
SHDN
GND
V
IN
NC
R
SOURCE
C
IN
1µF Ceramic
C
OUT
1µF Ceramic
TC1017
Load


Số phần tương tự - TC1017-1.8VLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1017-1.8VCT MICROCHIP-TC1017-1.8VCT Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

Mô tả tương tự - TC1017-1.8VLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
03/26/09
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com