công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC78622NE bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LC78622NE
Giải thích chi tiết về linh kiện  Compact Disc Player DSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622NE bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LC78622NE Datasheet HTML 1Page - Sanyo Semicon Device LC78622NE Datasheet HTML 2Page - Sanyo Semicon Device LC78622NE Datasheet HTML 3Page - Sanyo Semicon Device LC78622NE Datasheet HTML 4Page - Sanyo Semicon Device LC78622NE Datasheet HTML 5Page - Sanyo Semicon Device LC78622NE Datasheet HTML 6Page - Sanyo Semicon Device LC78622NE Datasheet HTML 7Page - Sanyo Semicon Device LC78622NE Datasheet HTML 8Page - Sanyo Semicon Device LC78622NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
No. 6015-4/31
LC78622NE
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD (1)
VDD, XVDD, LVDD, RVDD, VVDD:
3.6
5.5
V
During normal-speed playback
Supply voltage
VDD (2)
VDD, XVDD, LVDD, RVDD, VVDD:
3.6
5.5
V
During double-speed playback
VIH (1)
DEFI, COIN, RES, HFL, TES, SBCK, RWC, CQCK,
Input high level voltage
TAI, TEST1 to TEST5, CS, CONT1 to CONT5, PCCL
0.7 VDD
VDD
V
VIH (2)
EFMIN
0.6 VDD
VDD
V
VIL (1)
DEFI, COIN, RES, HFL, TES, SBCK, RWC, CQCK,
Input low level voltage
TAI, TEST1 to TEST5, CS, CONT1 to CONT5, PCCL
0
0.3 VDD
V
VIL (2)
EFMIN
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC: Figure 1
400
ns
Data hold time
tHD
COIN, RWC: Figure 1
400
ns
High level clock pulse width
tWH
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Low level clock pulse width
tWL
SBCK, CQCK: Figures 1, 2 and 3
400
ns
Data read access time
tRAC
SQOUT, PW: Figures 2 and 3
0
400
ns
Command transfer time
tRWC
RWC: Figure 1
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, with no RWC signal
11.2
ms
Subcode read cycle time
tSC
SFSY: Figure 3
136
µs
Subcode read enable time
tSE
SFSY: Figure 3
400
ns
Port input data setup time
tCSU
CONT1 to CONT5, RWC: Figure 4
400
ns
Port input data hold time
tCHD
CONT1 to CONT5, RWC: Figure 4
400
ns
Port input clock setup time
tRCQ
RWC, CQCK: Figure 4
100
ns
Port output data delay time
tCDD
CONT1 to CONT8, RWC: Figure 5
1200
ns
Input level
VIN (1)
EFMIN: Slice level control
1.0
Vp-p
VIN (2)
XIN: Capacitor-coupled input
1.0
Vp-p
Operating frequency range
fop
EFMIN
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT
16.9344
MHz
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IDD
VDD, XVDD, LVDD, RVDD, VVDD
25
35
mA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK,
Input high level current
IIH (1)
RWC, CQCK: TEST1: VIN = VDD
5
µA
IIH (2)
TAI, TEST2 to TEST5, CS, PCCL: VIN = VDD = 5.5 V
25
75
µA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK, RWC,
Input low level current
IIL
CQCK: TAI, TEST1 to TEST5, CS, PCCL: VIN = 0 V
–5
µA
EFMO, CLV+, CLV, V/P, PCK, FSEQ, TOFF,
VOH (1)
TGL, JP+, JP, EMPH/CONT6, EFLG, FSX: IOH = –1 mA
4
V
MUTEL/CONT7, MUTER/CONT8, C2F, SBSY, PW,
Output high level voltage
VOH (2)
SFSY, WRQ, SQOUT, TST11, 16M, 4.2M, CONT1 to
4
V
CONT5: IOH = –0.5 mA
VOH (3)
DOUT: IOH = –12 mA
4.5
V
EFMO, CLV+, CLV, V/P, PCK, FSEQ,
VOL (1)
TOFF, TGL, JP+, JP, EMPH/CONT6, EFLG, FSX:
1
V
IOH = 1 mA
Output low level voltage
MUTEL/CONT7, MUTER/CONT8,
VOL (2)
C2F, SBSY, PW, SFSY, WRQ, SQOUT,
0.4
V
TST11, 16M, 4.2M, CONT1 to CONT5:
IOH = 2 mA
VOL (3)
DOUT: IOH = 12 mA
0.5
V
IOFF (1)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
5
µA
VOUT = VDD
Output off leakage current
IOFF (2)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
–5
µA
VOUT = 0 V
Charge pump output current
IPDOH
PDO: RISET = 68 kΩ
64
80
96
µA
IPDOL
PDO: RISET = 68 kΩ
–96
–80
–64
µA


Số phần tương tự - LC78622NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
More results

Mô tả tương tự - LC78622NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com