công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMHF2812S bảng dữ liệu(PDF) 3 Page - Interpoint Corporation Company

tên linh kiện SMHF2812S
Giải thích chi tiết về linh kiện  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2812S bảng dữ liệu(HTML) 3 Page - Interpoint Corporation Company

  SMHF2812S Datasheet HTML 1Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 2Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 3Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
35
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
DUAL OUTPUT MODELS
SMHF2805D
SMHF2812D
SMHF2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.92
5.00
5.08
11.82
12.00
1218
14.78
15.00
15.23
OUTPUT CURRENT1
VIN = 16 to 40 VDC
±1.2
1.68
±0.625
0.875
±0.500
0.700
A
OUTPUT POWER1
VIN = 16 to 40 VDC
12
15
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
60
160
70
175
70
175
VOLTAGE ±VOUT
Tc = –55°C to +125°C
100
240
100
275
100
275
mV p-p
LINE REGULATION
BALANCED +VOUT
5
50
5
50
5
50
mV
Vin = 16 to 40 VDC
LOAD
–VOUT
100
100
100
LOAD REGULATION
BALANCED +VOUT
20
50
20
50
20
50
mV
LOAD
–VOUT
150
150
150
CROSS REGULATION2
NEGATIVE VOUT
6
7.5
3
6
3
6
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 msec
50
50
50
V
INPUT CURRENT
NO LOAD
20
50
25
50
25
50
FULL LOAD
540
600
645
754
638
754
mA
INHIBITED
6
12
5
12
5
12
INPUT RIPPLE
10 kHz - 10 MHz
30
80
40
80
40
80
CURRENT
Tc = –55°C to +125°C
60
120
55
120
55
120
mA p-p
EFFICIENCY
75
77
74
81
74
82
%
LOAD FAULT
SHORT CIRCUIT3
POWER DISSIPATION
3
8
3
6
3
6
W
RECOVERY4
7.5
30
7.5
50
7.5
50
ms
STEP LOAD RESP.5
50% – 100% – 50%
BALANCED LOADS
TRANSIENT
+VOUT
–600
200
600
–600
300
600
–600
300
600
mV pk
–VOUT
–600
150
600
–600
100
500
–600
100
600
RECOVERY4
150
500
200
500
200
600
µs
STEP LINE RESP.
16 – 40 – 40 VDC
±VOUT
TRANSIENT6
–800
600
800
–750
550
750
–750
550
750
mV pk
RECOVERY4
0.8
1.2
0.8
1.2
0.8
1.2
ms
START-UP
DELAY
12
30
12
25
12
25
ms
OVERSHOOT7
0
100
500
0
200
500
0
200
500
mV pk
Notes
1. Up to 70% of the total output power is available from either output providing
the opposite output is simultaneously carrying 30% of the total output
power. Each output must carry a minimum of 30% of the total output
power in order to maintain regulation on the negative outputs.
2. Effect on –Vout for the following conditions, percentages are of total power:
+Po = 50% to 10% and –Po = 50%
+Po = 50% and –Po = 50% to 10%
3. Indefinite short circuit protection not guaranteed above 125°C (case)
4. Recovery time is measured from application of the transient to point at
which Vout is within regulation.
5. Response of either output with the opposite output held at half of the total
output power.
6. Input step transition time >10µs.
7. Input step transition time <100µs.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified.


Số phần tương tự - SMHF2812S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMHF2812S INTERPOINT-SMHF2812S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF2812S/KR INTERPOINT-SMHF2812S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
More results

Mô tả tương tự - SMHF2812S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com