công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMHF2812S bảng dữ liệu(PDF) 2 Page - Interpoint Corporation Company |
|
SMHF2812S bảng dữ liệu(HTML) 2 Page - Interpoint Corporation Company |
2 / 12 page RECOMMENDED OPERATING CONDITIONS TYPICAL CHARACTERISTICS SYNC AND INHIBIT ABSOLUTE MAXIMUM RATINGS Input Voltage • 16 to 40 VDC Power Dissipation (Pd) •8 W Output Power • 12 to 15 watts depending on model Lead Soldering Temperature (10 sec per lead) • 300°C Storage Temperature Range (Case) • –65°C to +150°C 34 DC/DC CONVERTERS Output Voltage Temperature Coefficient • 100 ppm /°C typical • 150 ppm/°C maximum Input to Output Capacitance • 60 pF typical Undervoltage Lockout • 12 V input typical Current Limit • 115% of full load typical Isolation • 100 megohm minimum at 500 V Audio Rejection • 50 dB typical Conversion Frequency (º55°C to +125°C Tc) • Free run 550 kHz typical 480 kHz min, 620 kHz max Inhibit Pin Voltage (unit enabled) • 8.5 to 12 V Input Voltage Range • 16 to 40 VDC continuous • 0 V for up to 50 msec transient Case Operating Temperature (Tc) • –55°C to +125°C full power • –55°C to +135°C absolute Derating Output Power/Current (Tc) • Linearly from 100% at 125°C to 0% at 135°C SMHF SERIES SINGLE AND DUAL 15 WATT SINGLE OUTPUT MODELS SMHF283R3S SMHF2805S SMHF2812S SMHF2815S OUTPUT VOLTAGE Tc = 25°C 3.27 3.3 3.33 4.95 5 5.05 11.88 12 12.12 14.85 15 15.15 VDC OUTPUT CURRENT VIN = 16 TO 40 VDC — — 2.4 — — 2.4 — — 1.25 — — 1.00 A OUTPUT POWER VIN = 16 TO 40 VDC 0 — 8 0 — 12 0 — 15 0 — 15 W OUTPUT RIPPLE 10 kHz - 2 MHz — 60 160 — 30 80 — 60 160 — 60 75 mV p-p VOLTAGE Tc = –55°C TO +125°C — 80 240 — 150 240 — 50 120 — 100 260 LINE REGULATION VIN = 16 TO 40 VDC — 5 100 — 5 100 — 5 100 — 5 100 mV LOAD REGULATION NO LOAD TO FULL — 20 50 — 20 50 — 20 50 — 20 50 mV INPUT VOLTAGE CONTINUOUS 16 28 40 16 28 40 16 28 40 16 28 40 VDC NO LOAD TO FULL TRANSIENT 120 ms 0 — 50 0 — 50 0 — 50 0 — 50 V INPUT CURRENT NO LOAD — 25 65 — 25 40 — 25 50 — 25 62 FULL LOAD — — 397 — 560 624 — 680 752 — 670 752 mA INHIBITED — 5 12 — 5 12 — 5 12 — 5 12 INPUT RIPPLE 10k Hz - 10 MHz — 45 80 — 35 80 — 35 80 — 35 80 mA p-p CURRENT Tc = –55°C TO +125°C — — 120 — — 120 — — 120 — — 120 EFFICIENCY Tc = 25°C 70 73 — 73 75 — 78 79 — 74 80 — % LOAD FAULT1 SHORT CIRCUIT POWER DISSIPATION — 5 8 — 3.5 8 — 3.5 8 — 3.5 7 W RECOVERY2 — 7.5 30 — 7.5 30 — 7.5 30 — 7.5 30 ms STEP LOAD 50 %–100%– 50% RESPONSE TRANSIENT –400 150 500 –500 150 500 –700 150 700 –800 200 800 mV pk RECOVERY2 — 150 300 — 150 300 — 150 500 — 600 1200 µs STEP LINE 16 TO 40 TO 16 VIN RESPONSE TRANSIENT3 –800 550 800 –800 550 800 –800 550 800 –800 550 800 mV pk RECOVERY2 — 0.8 1.2 — 0.8 1.2 — 0.8 1.2 — 0.8 1.2 µs START-UP DELAY — 10 25 — 10 25 — 10 25 — 10 25 µs 0 TO 28 VIN OVERSHOOT4 — 200 300 — 100 600 — 200 1200 — 200 1500 mV pk Notes 1. Indefinite short circuit protection not guaranteed above 125°C (case) 2. Recovery time is measured from application of the transient to the point at which Vout is within regulation. 3. Input step transition time >10µs. 4. Input step transition time <100µs. Sync In (500 to 600 kHz) • Duty cycle 40% to 60% • Logic low 0.8 V max • Logic high 4.5 V min, 5 V max • Referenced to input common • If not used, connect to input common Inhibit TTL Open Collector • Logic low (output disabled) Logic low voltage ≤0.8 V max Inhibit pin current 4.0 mA max • Referenced to input common • Logic high (output enabled) Open collector or unconnected Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified. |
Số phần tương tự - SMHF2812S |
|
Mô tả tương tự - SMHF2812S |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |