công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13142D bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC13142D
Giải thích chi tiết về linh kiện  LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13142D bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC13142D Datasheet HTML 6Page - Motorola, Inc MC13142D Datasheet HTML 7Page - Motorola, Inc MC13142D Datasheet HTML 8Page - Motorola, Inc MC13142D Datasheet HTML 9Page - Motorola, Inc MC13142D Datasheet HTML 10Page - Motorola, Inc MC13142D Datasheet HTML 11Page - Motorola, Inc MC13142D Datasheet HTML 12Page - Motorola, Inc MC13142D Datasheet HTML 13Page - Motorola, Inc MC13142D Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC13142
10
MOTOROLA RF/IF DEVICE DATA
Figure 5. Ground Side View
Mix Lin
Cont
Mix In
VCC
LO
Buf Out
MC13142D
Rev A
IF
Out
NOTES: FR4 PCB, 1/32 inch.
LNA
Output
LNA
Input
V–Cont
1.9 GHz FRONT–END FOR WIRELESS SYSTEMS
This application is applicable to both Analog and Digital
systems. With the correct VCO tuning and the appropriate
filter, it will do the front–end for DECT, PHS or PCS. The
MC13142D is available in a SOIC 16 pin package. The part
requires minimal external components, leading to a low cost
system. A circuit board layout with a circuit diagram to
evaluate the IC is shown. Except for the PLL control, all the
wireless systems front–ends will look the same and have the
same basic performance characteristic as the test circuit.
Circuit Operation:
LNA Input/Output
An LC filter is incorporated before the LNA to provide
some selectivity. In addition to selectivity, its other function is
to match the antenna impedance (50
Ω) to the LNA input for
best gain and sensitivity (low noise figure). The network
reflects about a 200
Ω source impedance to the device.
The output circuit is a pie network consisting of; the LNA
output capacity, the inductance (the bond wire, package pin
and L2), and the input capacity of the dielectric filter, along
with some added shunt. A 2.4 pF with Toko 4DFA 2 pole filter.
The 2.4 pF is for matching the in–band filter impedance to the
LNA output and has little effect on tuning.
Both networks are tuned to band center by adjusting L1
and L2. L1 and L2, as well as L3, are short length of wire
formed in a half loop. Once the correct length is determined in
centering the tuning range, adjustment is accomplished by
moving the loop toward or away from some conductive
surface such as a ground plane.
The dielectric filter is referenced to the dc supply which
lessen the parts count and adds distributive capacity for high
frequency bypassing. DC feed to the LNA is through a low
value resistor (220 to 330
Ω) tapped at the filter input, so as not
to load the circuit unnecessarily. There is a small voltage drop
across the resistor, as well as some signal loss. The signal
loss is about 0.73 dB for a 220
Ω resistor and less for larger
values. If one can not afford the voltage drop, an inductor
could replace the resistor at a somewhat increased cost.
Mixer
Looking from the dielectric filter’s output, the Mixer input is
50
Ω in series with an inductor. This inductor consists of the
printed circuit run, the package pin and bond wire, all in
series. It is modified, to some extent, by the package pin
distributive capacity, but overall at the bandpass frequency
remains inductive. Matching the filter impedance to the Mixer
input only requires a capacitor with a value that, when placed
in series, will resonate with this inductor at the filter bandpass
frequency.
The single–ended input signal is converted internally into
balanced current signals. The two signals drive the two low
impedance inputs (emitters) of a Gilbert Cell. They appear as


Số phần tương tự - MC13142D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Mô tả tương tự - MC13142D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com