công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13077P bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC13077P
Giải thích chi tiết về linh kiện  ADVANCED PAL/NTSC ENCODER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13077P bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC13077P Datasheet HTML 3Page - Motorola, Inc MC13077P Datasheet HTML 4Page - Motorola, Inc MC13077P Datasheet HTML 5Page - Motorola, Inc MC13077P Datasheet HTML 6Page - Motorola, Inc MC13077P Datasheet HTML 7Page - Motorola, Inc MC13077P Datasheet HTML 8Page - Motorola, Inc MC13077P Datasheet HTML 9Page - Motorola, Inc MC13077P Datasheet HTML 10Page - Motorola, Inc MC13077P Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC13077
7
MOTOROLA ANALOG IC DEVICE DATA
1000 pF
Figure 4. Versatility of the 4x fsc Oscillator
Direct Drive of
Oscillator with
4x fsc Source
MC13077
8
9
150 p
220
1000 pF
4x fsc Drive
(150 mV to 3.0 Vpp)
MC13077
8
9
4x fsc
Resonator
Subcarrier
Reference Input
1000 pF
Oscillator Phase Lock
with Resonator to
Subcarrier Reference
MC13077
8
9
MC13077
8
9
4x fsc
Crystal
5–25 pF
Oscillator Free
Run with Crystal
4x fsc
Crystal
Oscillator Phase Lock
with Crystal to
Subcarrier Reference
Subcarrier Reference
Input (Pull–in Range
of
 ± 400 Hz)
fsc
5–25 pF
4X Subcarrier Oscillator
To encode the color difference components, an accurate
and reliable subcarrier source is required. The MC13077 has
an on–chip single pin oscillator that will free–run with a 4x fsc
crystal, phase–lock to an external subcarrier reference with a
4x fsc crystal or resonator, or be driven externally from a 4x fsc
source. If the 4x fsc oscillator is going to be free run, the
subcarrier input (Pin 9) should be grounded. If the 4x fsc
oscillator is going to be phase–locked to an external
subcarrier source, the external reference should be
capacitor–coupled to Pin 9. If the 4x fsc oscillator is going to
be driven externally, Pin 8 should be driven from a network
that increases the impedance of the source at frequencies
capable of producing off–frequency oscillations. The 4x fsc
subcarrier source, thus being defined, makes it possible to
produce accurate quadrature subcarriers for the modulators.
The 4x source is internally divided by a ring counter to
produce the quadrature subcarrier signals. These signals in
turn are provided to the color difference modulators to
produce the modulated chroma. The oscillator was designed
so that if a crystal is chosen as the resonant element of the 4x
oscillator, the crystal specifications would be common.
Crystal specifications for an adequate crystal are shown in 1
Table 1. Crystal Specifications
Frequency: 14.31818 MHz (NTSC)
17.734475 MHz (PAL)
Mode: Fundamental
Frequency Tolerance (@25
°C), 40 ppm
Frequency Tolerance df/dfo (0
° –70°C), 40 ppm
Load Capacitance: 20 pF
ESR: 50
C1(Internal Series Capacitance), 15 mpF
This crystal is a common variety and is specified as a parallel resonant.
Burst Flag Decoding
In order to encode to either NTSC or PAL compatibility, the
MC13077 must first determine which is the intended
standard. The MC13077 accomplishes this with an internal
decode using the sync input and the output of the divide by 4
ring counter. Internally, the Sync separator circuitry provides
an output that is sampled by the subcarrier signal from the
ring counter. The result is an internal sync representative of
externally input sync but synchronized to the internal
subcarrier signal. This signal provides a reset for an internal
9–bit counter that provides divisions of the subcarrier signal
from the ring counter at powers of 2 (i.e. 21, 22, 23,...29 =
512). The eighth bit of the counter gives the output, fsc ÷ 256.
The decision to provide burst gate timing for PAL or NTSC is
based upon the state of this output after one period of the
horizontal sync. Figure 5 shows the relationship between the
clock and the eighth bit of the counter.
Triggering of the burst PAL flip–flop due to equalizing
pulses is also inhibited by the decode circuitry. This is done
by counting out beyond a half line interval before generating
burst flag.
If the MC13077 is encoding 525/60 component video to
NTSC and the MC13077 is generating the burst flag, the start
of burst will occur 18 counts after the leading edge of sync
has been sampled, and will continue until nine cycles of burst
have occurred. Since the reset pulse of the 9–bit counter has
a resolution of 1.0/fsc, this implies that the start of burst will
occur 5.17
± 0.1397 µs after the leading edge of sync and
also that the start (and end) of burst may differ by as much as
279.4 ns from line–to–line. If the MC13077 is encoding
625/50 to PA L, the subcarrier frequency will be
4.43361875 MHz and that implies a resolution of 225.5 ns
for the burst position. For PAL encoding, 24 counts of the
subcarrier are necessary before burst is initiated. So ten
cycles of subcarrier will occur 5.53
± 0.1128 µs after the
leading edge of sync. After the timing of the burst gate is
selected, the burst gate envelope is added to the color
difference components.
Another alternative to the internal determination of burst
flag is the external input of burst flag. This allows the user to
externally define the exact timing and duration of color burst.
If external burst flag is available, it can be inserted at Pin 18.
The threshold level is nominally VCC/2 and the input should
not exceed VCC. Burst will begin when the leading edge of
the burst flag input exceeds VCC/2 and will stop when it falls
below VCC/2. If it is desired to disable the burst flag, Pin 18
can be pulled low. It is also possible to insert burst flag with
the R–Y and B–Y components. This is done at the clamp pins
with the respective color difference inputs with the internal
burst flag generation disabled (Pin 18 grounded).


Số phần tương tự - MC13077P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

Mô tả tương tự - MC13077P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com