công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13142 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC13142
Giải thích chi tiết về linh kiện  LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13142 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC13142 Datasheet HTML 4Page - Motorola, Inc MC13142 Datasheet HTML 5Page - Motorola, Inc MC13142 Datasheet HTML 6Page - Motorola, Inc MC13142 Datasheet HTML 7Page - Motorola, Inc MC13142 Datasheet HTML 8Page - Motorola, Inc MC13142 Datasheet HTML 9Page - Motorola, Inc MC13142 Datasheet HTML 10Page - Motorola, Inc MC13142 Datasheet HTML 11Page - Motorola, Inc MC13142 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC13142
8
MOTOROLA RF/IF DEVICE DATA
Input Matching/Components
It is desirable to use a RF ceramic or SAW filter before the
mixer to provide image frequency rejection. The filter is
selected based on cost, size and performance tradeoffs.
Typical RF filters have 3.0 to 5.0 dB insertion loss. The PC
board layout accommodates both ceramic and SAW RF
filters which are offered by various suppliers such as
Siemens, Toko and Murata.
Interface matching between the LNA, RF filter and the
mixer will be required. The interface matching networks
shown in the application circuit are designed for 50
interfaces.
In the application circuit, the LNA is conjugately matched
to 50
Ω input and output for 3.0 to 5.0 Vdc VCC. 17 dB gain
and 1.8 dB noise figure is typical at 926 MHz. The mixer
measures 0 dB gain and 12 dB noise figure as shown in the
application circuit. Typical insertion loss of the Toko ceramic
filter is 3.0 dB. Thus, the overall gain of the frontend receiver
is 14 dB with a 3.3 dB noise figure.
System Noise Considerations
The block diagram shows the cascaded noise stages of
the MC13142 in the frontend receiver subsystem; it
represents the application circuit. In the cascaded noise
analysis the system noise equation is:
Fsystem = F1 + [(F2 –1)/G1] + [(F3–1)]/[(G1)(G2)]
where:
F1 = the Noise Factor of the MC13142 LNA
G1 = the Gain of the LNA
F2 = the Noise factor of the RF Ceramic Filter
G2 = the Gain of the Ceramic Filter
F3 = the Noise factor of the Mixer
Note: the above terms are defined as linear relationships and
are related to the log form for gain and noise figure by the
following:
F = Log –1 [(NF in dB)/10] and similarly
G = Log –1 [(Gain in dB)/10].
Calculating in terms of gain and noise factor yields the
following:
F1 = 1.51; G1 = 50.11
F2 = 1.99; G2 = 0.5
F3 = 15.85
Thus, substituting in the equation for system noise factor:
Fsystem = 2.12; NFsystem = 3.3 dB
Figure 3. Frontend Subsystem Block Diagram for Noise Analysis
fLO = 975.55 MHz
Noise Source
IF Output
Toko Ceramic
Filter
NF Meter
330 nH
VCC
Mixer
Local Oscillator
G1 = 17 dB
NF1 = 1.8 dB
36 p
fIF = 49.05 MHz
Z Transformer
16:1
G2 = –3.0 dB
NF2 = 3.0 dB
LNA
G3 = 0 dB
NF3 = 12 dB
Gsys = 14 dB
NFsys = 3.3 dB
fRF = 926.5 MHz


Số phần tương tự - MC13142

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13144D MOTOROLA-MC13144D Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Mô tả tương tự - MC13142

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146 Datasheet
7Mb / 15P
   Low Power DC - 1.8 GHz Transmitter
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
NXP Semiconductors
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com