công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9880KSTZ-100 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD9880KSTZ-100
Giải thích chi tiết về linh kiện  Analog/HDMI Dual Display Interface
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9880KSTZ-100 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD9880KSTZ-100 Datasheet HTML 4Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 5Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 6Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 7Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 8Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 9Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 10Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 11Page - Analog Devices AD9880KSTZ-100 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AD9880
Rev. 0 | Page 8 of 64
Pin Type
Pin No.
Mnemonic
Function
Value
OUTPUTS
92 to 99
RED [7:0]
Outputs of Red Converter, Bit 7 is MSB
VDD
2 to 9
GREEN [7:0]
Outputs of Green Converter, Bit 7 is MSB
VDD
12 to 19
BLUE [7:0]
Outputs of Blue Converter, Bit 7 is MSB
VDD
89
DATACK
Data Output Clock
VDD
87
HSOUT
HSYNC Output Clock (Phase-Aligned with DATACK)
VDD
85
VSOUT
VSYNC Output Clock (Phase-Aligned with DATACK)
VDD
86
SOGOUT
SOG Slicer Output
VDD
84
O/E FIELD
Odd/Even Field Output
VDD
REFERENCES
57
FILT
Connection For External Filter Components For PLL
POWER SUPPLY
80, 76, 72,
67, 45, 33
VD
Analog Power Supply and DVI Terminators
3.3 V
100, 90, 10
VDD
Output Power Supply
1.8 V to 3.3 V
59, 56, 54
PVDD
PLL Power Supply
1.8 V
48, 32, 30
DVDD
Digital Logic Power Supply
1.8 V
GND
Ground
0 V
CONTROL
83
SDA
Serial Port Data I/O
3.3 V CMOS
82
SCL
Serial Port Data Clock
3.3 V CMOS
HDCP
49
DDC_SCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
50
DDC_SDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
51
MCL
HDCP Master Serial Port Data Clock
3.3 V CMOS
52
MDA
HDCP Master Serial Port Data I/O
3.3 V CMOS
AUDIO DATA OUTPUTS
28
S/PDIF
S/PDIF Digital Audio Output
VDD
27
I2S0
I2S Audio (Channels 1, 2)
VDD
26
I2S1
I2S Audio (Channels 3, 4)
VDD
25
I2S2
I2S Audio (Channels 5, 6)
VDD
24
I2S3
I2S Audio (Channels 7, 8)
VDD
20
MCLKIN
External Reference Audio Clock In
VDD
21
MCLKOUT
Audio Master Clock Output
VDD
22
SCLK
Audio Serial Clock Output
VDD
23
LRCLK
Data Output Clock For Left And Right Audio Channels
VDD
DIGITAL VIDEO DATA
35
Rx0+
Digital Input Channel 0 True
TMDS
34
Rx0−
Digital Input Channel 0 Complement
TMDS
38
Rx1+
Digital Input Channel 1 True
TMDS
37
Rx1−
Digital Input Channel 1 Complement
TMDS
41
Rx2+
Digital Input Channel 2 True
TMDS
40
Rx2−
Digital Input Channel 2 Complement
TMDS
DIGITAL VIDEO CLOCK INPUTS
43
RxC+
Digital Data Clock True
TMDS
44
RxC−
Digital Data Clock Complement
TMDS
DATA ENABLE
88
DE
Data Enable
3.3 V CMOS
RTERM
46
RTERM
Sets Internal Termination Resistance
500
Ω


Số phần tương tự - AD9880KSTZ-100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882/PCB AD-AD9882/PCB Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Mô tả tương tự - AD9880KSTZ-100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com