công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141627FT bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC141627FT
Giải thích chi tiết về linh kiện  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627FT bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC141627FT Datasheet HTML 4Page - Motorola, Inc MC141627FT Datasheet HTML 5Page - Motorola, Inc MC141627FT Datasheet HTML 6Page - Motorola, Inc MC141627FT Datasheet HTML 7Page - Motorola, Inc MC141627FT Datasheet HTML 8Page - Motorola, Inc MC141627FT Datasheet HTML 9Page - Motorola, Inc MC141627FT Datasheet HTML 10Page - Motorola, Inc MC141627FT Datasheet HTML 11Page - Motorola, Inc MC141627FT Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC141627
MOTOROLA
8
C7
C6
C5
C4
Ll
C3
C2
C1
C0
Ll
D7
D6
D5
D4
Level
L
L
L
L
0
L
L
L
H
1
L
L
H
L
2
L
L
H
H
3
L
H
L
L
4
L
H
L
H
5
L
H
H
L
6
L
H
H
H
7
H
L
L
L
8
H
L
L
H
9
H
L
H
L
10
H
L
H
H
11
H
H
L
L
12
H
H
L
H
13
H
H
H
L
14
H
H
H
H
15
Figure 2. Coring Characteristics
OPERATING MODES
The Advanced Comb Filter–II can be operated in any of
three modes. These modes are fixed by a digital code input
into MODE0 and MODE1. The descriptions of the four types
of operating modes are:
Normal (FSC) Mode
This mode is for the normal Y/C separation. The video sig-
nal input to the A/D converter is separated into its Y and C
components and output as analog information from the D/A
converter outputs. The clamp circuit operates as sync tip
clamp by connecting CLout with Vin, and clamps the input
video signal to the fixed value $04. The coring characteristics
of the vertical enhancer circuit can be set using the digital
port. This mode operates the internal 4xFSC CLK which is
generated by the built–in 4xFSC PLL.
Normal (4xFSC) Mode
This mode is for the normal Y/C separation. The video sig-
nal input to the A/D converter is separated into its Y and C
components and output as analog information from the D/A
converter outputs. The clamp circuit operates as sync tip
clamp by connecting CLout with Vin, and clamps the input vid-
eo signal to the fixed value $04. The coring characteristics of
the vertical enhancer circuit can be set up on the digital port.
This mode operates the external 4xFSC CLK which is input
on the FSC pin.
Digital Input Comb Filtering Mode
In this mode, the MC141627 uses only the filter and D/A
portion. This mode can input 8–bit digital outputs from an ex-
ternal circuit. The 8–bit external digital data can be input into
D0 – D7, and the input data is filtered by the Advanced Comb
Filter–II algorithm, and one output as an analog signal from
Yout and Cout.
Table 3. Operating Mode
Mode
MODE1
MODE0
Normal (FSC) Mode
L
L
Normal (4xFSC) Mode
L
H
Digital Input Comb Filtering Mode
H
L
OUT
IN
WHITE
BLACK
OUT
IN
WHITE LEVEL
(C4 – C7)
(0 – 15 STEP)
OUT
IN
BLACK LEVEL
(C0 – C3)
(0 – 15 STEP)
OUT
IN
NOISE LEVEL
(D4 – D7)
(0 – 15 STEP)


Số phần tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

Mô tả tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com