công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141627FT bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC141627FT
Giải thích chi tiết về linh kiện  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627FT bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC141627FT Datasheet HTML 1Page - Motorola, Inc MC141627FT Datasheet HTML 2Page - Motorola, Inc MC141627FT Datasheet HTML 3Page - Motorola, Inc MC141627FT Datasheet HTML 4Page - Motorola, Inc MC141627FT Datasheet HTML 5Page - Motorola, Inc MC141627FT Datasheet HTML 6Page - Motorola, Inc MC141627FT Datasheet HTML 7Page - Motorola, Inc MC141627FT Datasheet HTML 8Page - Motorola, Inc MC141627FT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC141627
5
MOTOROLA
ADC – DAC GENERAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Voltage Gain
– 4.4
dB
Output Bandwidth (at – 3 dB at PAL)
6.4
7.3
MHz
Differential Gain
DG
5
%
Differential Phase
DP
5
Deg
Bias Current (at Ibias = 10 kΩ)
Ibias
135
µA
CLAMP CIRCUIT CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Clamp Mode Output Voltage*
Vclys
0.6
V
* Output of CLout when connecting Vin – CLout.
BK/VH CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Bypass Switching Time, at Normal Mode
9
Clock
VH Switching Time, at Normal Mode
4
Clock
Comb/BPF Switching Time, at Normal Mode
16
Clock
VERTICAL ENHANCER LEVEL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Noise Slice Level, at Normal Mode
0
6
15
Bits
White Enhance Level, at Normal Mode
0
10
15
Bits
Black Enhance Level, at Normal Mode
0
11
15
Bits
GENERAL SIGNAL DELAY (VCC = 5.0 V, TA = 25°C ± 3°C)
Characteristic
Symbol
Min
Typ
Max
Unit
PAL B/G/H/I Mode (2299.5 Clock)
129.66
µs
NTSC Mode (939.5 Clock)
65.62
µs
PAL N Mode (1867.5 Clock)
130.34
µs
PAL M Mode (1851.5 Clock)
129.45
µs
Figure 1. Digital Signal Input Timing Diagram (During Digital Input Comb Filter Mode)
INPUT DATA
(D0 – D7)
CLOCK
tds
tdh
tr
tf
Clamp Circuit Characteristics (VCC = 5.0 V, TA = 25°C ± 3°C)
Clamp Mode Output Voltage, Vcly (Non–input when connecting Vin – CLout)
Vcly = (VTP – VBT) (N + 1) / 256 + VBT ± 50 mV
where N = Clamp Code Input (N < 255)
If the calculated value of the output voltage, Vcly > Vclys, then Vcly = Vclys
Clamp Value N is fixed, N = 4.


Số phần tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

Mô tả tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com