công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141627FT bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC141627FT
Giải thích chi tiết về linh kiện  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627FT bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC141627FT Datasheet HTML 1Page - Motorola, Inc MC141627FT Datasheet HTML 2Page - Motorola, Inc MC141627FT Datasheet HTML 3Page - Motorola, Inc MC141627FT Datasheet HTML 4Page - Motorola, Inc MC141627FT Datasheet HTML 5Page - Motorola, Inc MC141627FT Datasheet HTML 6Page - Motorola, Inc MC141627FT Datasheet HTML 7Page - Motorola, Inc MC141627FT Datasheet HTML 8Page - Motorola, Inc MC141627FT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC141627
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Characteristic
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
– 0.5 to + 7.0
V
DC Input Voltage (Referenced to GND)
Vin
– 1.5 to VCC + 1.5
V
DC Output Voltage (Referenced to GND)
Vout
– 0.5 to VCC + 0.5
V
DC Input Current (per Pin)
Iin
± 20
mA
DC Output Current (per Pin)
Iout
± 25
mA
Power Dissipation
PD
750
mW
Storage Temperature
Tstg
– 65 to + 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Descriptions section.
GENERAL ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C, Unless Otherwise Noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
VCC*
4.75
5.0
5.25
V
Operating Supply Current (at Normal Mode)
ICC
65
100
mA
Operating Power Dissipation (at Normal Mode)
PD
325
525
mW
Ambient Operating Temperature
TA
– 20
75
°C
*VCC(AD), VCC(DA), VCC(D) voltage.
CLOCK INPUT ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C ± 3°C, Unless Otherwise Noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Subcarrier Input Frequency
fc
4.43618
MHz
1
Clock Frequency
CLK
17.734475
MHz
2
FSC Clock Input Level
Vfc
1
V p–p
3
High Level Input Voltage
CLK(AD)
VICH
3.5
V
4
Low Level Input Voltage
CLK(AD)
VICL
1.1
V
4
Clock Duty Cycle
CLK/CLK(AD)
Dty
45
50
55
%
4
NOTES:
1. Color subcarrier input [FSC = (455/2) fh] locked on the burst signal of the input video signal. AC coupling input by external capacitor.
2. The internal circuit operates by 4 times clock using FSC pin input at normal (FSC) mode.
The internal circuit operates by FSC pin input clock at expected normal (FSC) mode.
3. Sine wave input.
4. CLK(AD) is available only during digital input comb filter mode.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of any
voltage higher than maximum rated voltages to
this high–impedance circuit. For proper opera-
tion, Vin and Vout should be constrained to the
range GND
≤ (Vin or Vout) ≤ VCC.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either
GND or VCC). Unused outputs must be left
open.


Số phần tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

Mô tả tương tự - MC141627FT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com