công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141627 bảng dữ liệu(PDF) 1 Page - Motorola, Inc |
|
MC141627 bảng dữ liệu(HTML) 1 Page - Motorola, Inc |
1 / 16 page MC141627 1 MOTOROLA Product Preview Advanced PAL Comb Filter-II (APCF-II) The Advanced PAL Comb Filter–II is a video signal processor for VCRs, LDPs, and TVs. It separates the Luminance Y and Chrominance C signal from the NTSC/PAL composite signal by using digital signal processing techniques which minimize dot–crawl and cross–color. The built–in 4xFSC PLL circuit allows a subcarrier signal input, which generates 4xFSC clock for video signal processing. This filter allows a video signal input of an extended frequency bandwidth by using a 4xFSC clock. The built–in vertical enhancer circuit reduces noise and dot crawl on the Luminance Y signal. The built–in A/D and D/A converters allow easy connection to analog video circuits. • Built–In High Speed 8–Bit A/D Converter • Four Line Memories (4540 Bytes) • Advanced Comb–II Process • Built–In Vertical Enhancer • Vertical Dot Reduction Process • Two Built–In High Speed 8–Bit D/A Converters • Built–In 4xFSC PLL Circuit • Built–In Clamp Circuit • Digital Interface Mode • On–Chip Reference Voltage for A/D Converter PIN ASSIGNMENT D3 D1 D0 D2 BYPASS VH GND(D) VCC(D) FSC N/M PAL/NTSC MODE0 TE1 MODE1 TE0 CLK(AD) NC GND(D) CLout CLC Vin RBT Comb/BPF RTP 1 48 37 36 25 24 13 12 NC = NO CONNECTION This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. Order this document by MC141627/D MOTOROLA SEMICONDUCTOR TECHNICAL DATA MC141627 FT SUFFIX QFP PACKAGE CASE 898 ORDERING INFORMATION MC141627FT Quad Flat Package (QFP) 48 1 © Motorola, Inc. 1996 REV 0.1 8/96 |
Số phần tương tự - MC141627 |
|
Mô tả tương tự - MC141627 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |