công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141627 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC141627
Giải thích chi tiết về linh kiện  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC141627 Datasheet HTML 2Page - Motorola, Inc MC141627 Datasheet HTML 3Page - Motorola, Inc MC141627 Datasheet HTML 4Page - Motorola, Inc MC141627 Datasheet HTML 5Page - Motorola, Inc MC141627 Datasheet HTML 6Page - Motorola, Inc MC141627 Datasheet HTML 7Page - Motorola, Inc MC141627 Datasheet HTML 8Page - Motorola, Inc MC141627 Datasheet HTML 9Page - Motorola, Inc MC141627 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC141627
MOTOROLA
6
PIN DESCRIPTIONS
Pin
Pin Name
Function
1
PCO
Phase comparator output.
2
OVCC
Power supply for VCO.
3
BIAS
Reference for VCO. Generally connected to GND(D) through an external resistor.
4
FILIN
VCO controlled voltage input. Generally connected to PCO through an external loop filter.
5
GND(DA)
GND for D/A converter.
6
Yout
Luminance signal output.
7
VCC(DA)
Power supply for D/A converter.
8
Cout
Chrominance signal output.
9
REF(DA)
Reference for D/A converter. Generally connected to GND(DA) through a multi–layer ceramic capacitor
(0.1
µF).
10
Ibias
Bias circuit current control for A/D, D/A converters. Generally connected to GND(DA) through an external
resistor.
11
GND(AD)
GND for A/D converter.
12
VCC(AD)
Power supply for A/D converter.
13
RTP
Top reference for A/D converter. Supplies top reference voltage internally.
14
RBT
Bottom reference for A/D converter. Supplies bottom reference voltage internally.
15
Vin
A/D converter input.
16
CLout
Voltage output for clamp. Clamps an input signal by connecting with Vin and inputs the video signal by ac
coupling.
17
CLC
Clamp time constant setting pin.
18
NC
No connection.
19
GND(D)
GND for digital circuit.
20
CLK(AD)
CLK input for A/D converter. Available only during digital input comb filter mode and a portion of test
mode. Input level is CMOS level.
21, 22
MODE0, MODE1
Mode inputs. GND level during normal (FSC) mode.
23, 24
TE0, TE1
Test mode inputs. Generally GND level.
25
C7
Vertical enhancer level at normal mode. Generally VCC(D) level.
26 – 28
C6 – C4
Vertical enhancer level at normal mode. Generally GND(D) level.
29
C3
Vertical enhancer level at normal mode. Generally VCC(D) level.
30 – 32
C2 – C0
Vertical enhancer level at normal mode. Generally GND(D) level.
33
D7
Vertical enhancer level at normal mode. Generally VCC(D) level.
34 – 36
D6 – D4
Vertical enhancer level at normal mode. Generally GND(D) level.
37 – 40
D3 – D0
NC pin at normal mode. Generally GND(D) level.
41
Bypass
Non–YC separation processing mode. Generally GND(D) level.
42
VH
Vertical enhancer circuit mode. Generally GND(D) level.
43
GND(D)
GND for digital circuit.
44
VCC(D)
Power supply for digital circuit.
45
FSC
CLK input. ac coupling input by external capacitor. Normal (FSC) mode: Subcarrier. Normal (4xFSC)
mode: 4*Subcarrier.
46
N/M
PAL N/PAL M setting pin. Generally GND level.
47
PAL/NTSC
PAL/NTSC setting pin. Generally GND level (PAL mode).
48
Comb/BPF
Comb/BPF setting pin. Generally GND level (comb filter mode).


Số phần tương tự - MC141627

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

Mô tả tương tự - MC141627

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com