công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV212A32 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện MTV212A32
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A32 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV212A32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A32 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 6 -
2000/07/04
FUNCTIONAL DESCRIPTIONS
1. 8051 CPU Core
MTV212M32 includes all 8051 functions with the following exceptions:
1.1 The external RAM access is restricted to XFRs/AUXRAM within the MTV212M32.
1.2 Port0, port3.3, port3.6 and port3.7 are not general-purpose I/O ports. They are dedicated to monitor
special application.
1.3 INT1 input pin is not provided, it is connected to special interrupt sources.
1.4 Port2 are shared with special function pins.
In addition, there are 2 timers, 5 interrupt sources and serial interface compatible with the standard 8051.
Note: All registers listed in this document reside in external RAM area (XFR). For internal RAM memory map
please refer to 8051 spec.
2. Memory Allocation
2.1 Internal Special Function Registers (SFR)
The SFR is a group of registers that are the same as standard 8051.
2.2 Internal RAM
There are total 256 bytes internal RAM in MTV212M32, same as standard 8052.
2.3 External Special Function Registers (XFR)
The XFR is a group of registers allocated in the 8051 external RAM area 00h - 7Fh. Most of the registers are
used for monitor control or PWM DAC. Program can initialize Ri value and use "MOVX" instruction to access
these registers.
2.4 Auxiliary RAM (AUXRAM)
There are total 256 bytes auxiliary RAM allocated in the 8051 external RAM area 80h - FFh. The AUXRAM is
divided into two banks, selected by XBANK register. Program can initialize Ri value and use "MOVX"
instruction to access the AUXRAM.
00h
7Fh
80h
FFh
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=0)(Using
MOVX A,@Ri
instruction)
XFR
Accessible by
indirect external
RAM addressing
(Using
MOVX A,@Ri
instruction
AUXRAM
Accessible by
indirect external
RAM addressing
(XBANK=1)(Using
MOVX A,@Ri
instruction)
00h
7Fh
80h
FFh
Internal RAM
Accessible by
indirect
addressing only
(Using
MOV A,@Ri
instruction)
Internal RAM
Accessible by
direct and indirect
addressing
SFR
Accessible by
direct addressing


Số phần tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212A32 ETC2-MTV212A32 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32U ETC2-MTV212A32U Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Mô tả tương tự - MTV212A32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26