công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMF30A bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
SMF30A bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 6 page SMF5.0AT1 Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA) Device* Marking VRWM (V) VBR @ IT (V) (Note 6) IT IR @ VRWM VC(Max) IPP(Max) (A) (Note 5) Min Nom Max (mA) ( mA) (V) (Note 7) SMF5.0A, G KE 5 6.4 6.7 7 10 400 9.2 21.7 SMF6.0A, G KG 6 6.67 7.02 7.37 10 400 10.3 19.4 SMF6.5A, G KK 6.5 7.22 7.6 7.98 10 250 11.2 17.9 SMF7.0A, G KM 7 7.78 8.2 8.6 10 100 12 16.7 SMF7.5A, G KP 7.5 8.33 8.77 9.21 1 50 12.9 15.5 SMF8.0A, G KR 8 8.89 9.36 9.83 1 25 13.6 14.7 SMF8.5A, G KT 8.5 9.44 9.92 10.4 1 10 14.4 13.9 SMF9.0A, G KV 9 10 10.55 11.1 1 5 15.4 13.0 SMF10A, G KX 10 11.1 11.7 12.3 1 2.5 17 11.8 SMF11A, G KZ 11 12.2 12.85 13.5 1 2.5 18.2 11.0 SMF12A, G LE 12 13.3 14 14.7 1 2.5 19.9 10.1 SMF13A, G LG 13 14.4 15.15 15.9 1 1 21.5 9.3 SMF14A, G LK 14 15.6 16.4 17.2 1 1 23.2 8.6 SMF15A, G LM 15 16.7 17.6 18.5 1 1 24.4 8.2 SMF16A, G LP 16 17.8 18.75 19.7 1 1 26 7.7 SMF17A, G LR 17 18.9 19.9 20.9 1 1 27.6 7.2 SMF18A, G LT 18 20 21 22.1 1 1 29.2 6.8 SMF20A, G LV 20 22.2 23.35 24.5 1 1 32.4 6.2 SMF22A, G LX 22 24.4 25.6 26.9 1 1 35.5 5.6 SMF24A, G LZ 24 26.7 28.1 29.5 1 1 38.9 5.1 SMF26A, G ME 26 28.9 30.4 31.9 1 1 42.1 4.8 SMF28A, G MG 28 31.1 32.8 34.4 1 1 45.4 4.4 SMF30A, G MK 30 33.3 35.1 36.8 1 1 48.4 4.1 SMF33A, G MM 33 36.7 38.7 40.6 1 1 53.3 3.8 SMF36A, G MP 36 40 42.1 44.2 1 1 58.1 3.4 SMF40A, G MR 40 44.4 46.8 49.1 1 1 64.5 3.1 SMF43A, G MT 43 47.8 50.3 52.8 1 1 69.4 2.9 SMF45A, G MV 45 50 52.65 55.3 1 1 72.7 2.8 SMF48A, G MX 48 53.3 56.1 58.9 1 1 77.4 2.6 SMF51A, G MZ 51 56.7 59.7 62.7 1 1 82.4 2.4 SMF54A, G NE 54 60 63.15 66.3 1 1 87.1 2.3 SMF58A, G NG 58 64.4 67.8 71.2 1 1 93.6 2.1 SMF60A, G NK 60 66.7 70.2 73.7 1 1 96.8 1.8 SMF64A, G NM 64 71.1 74.85 78.6 1 1 103 1.7 SMF70A, G NP 70 77.8 81.9 86 1 1 113 1.5 SMF75A, G NR 75 83.3 87.7 92.1 1 1 121 1.4 SMF78A, G NT 78 86.7 91.25 95.8 1 1 126 1.4 SMF85A, G NV 85 94.4 99.2 104 1 1 137 1.3 SMF90A, G NX 90 100 105.5 111 1 1 146 1.2 SMF100A, G NZ 100 111 117 123 1 1 162 1.1 SMF110A, G PE 110 122 128.5 135 1 1 177 1.0 SMF120A, G PG 120 133 140 147 1 1 193 0.9 SMF130A, G PK 130 144 151.5 159 1 1 209 0.8 SMF150A, G PM 150 167 176 185 1 1 243 0.7 SMF160A, G PP 160 178 187.5 197 1 1 259 0.7 SMF170A, G PR 170 189 199 209 1 1 275 0.6 5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater than the DC or continuous peak operating voltage level. 6. VBR measured at pulse test current IT at ambient temperature of 25°C. 7. Surge current waveform per Figure 2 and derate per Figure 3. *The “G’’ suffix indicates Pb−Free package available. |
Số phần tương tự - SMF30A |
|
Mô tả tương tự - SMF30A |