công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145003 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC145003
Giải thích chi tiết về linh kiện  128 SEGMENT LCD DRIVERS CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145003 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC145003 Datasheet HTML 1Page - Motorola, Inc MC145003 Datasheet HTML 2Page - Motorola, Inc MC145003 Datasheet HTML 3Page - Motorola, Inc MC145003 Datasheet HTML 4Page - Motorola, Inc MC145003 Datasheet HTML 5Page - Motorola, Inc MC145003 Datasheet HTML 6Page - Motorola, Inc MC145003 Datasheet HTML 7Page - Motorola, Inc MC145003 Datasheet HTML 8Page - Motorola, Inc MC145003 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC145003
• MC145004
MOTOROLA
2
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 6.5
V
Vin
Input Voltage, Din, and Data Clock
– 0.5 to 15
V
Vin osc
Input Voltage, OSCin of Master
– 0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
± 10
mA
Tstg
Storage Temperature Range
– 65 to + 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Descriptions section.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Ch
i i
Sb l
VDD
VLCD
–40
°C
25
°C
85
°C
Ui
Characteristic
Symbol
VDD
V
VLCD
V
Min
Max
Min
Max
Min
Max
Unit
Output Drive Current — Frontplanes
VO = 0.15 V
IFH
IFL
5
5
2.8
2.8
360
360
260
260
240
240
µA
VO = 2.65 V
IFH
IFL
5
5
2.8
2.8
– 320
– 320
– 240
– 240
– 240
– 240
VO = 1.72 V
IFH
IFL
5
5
2.8
2.8
–95
– 1.5
–40
– 1.5
–60
–1
VO = 1.08 V
IFH
IFL
5
5
2.8
2.8
90
2
40
2
55
1
VO = 0.15 V
IFH
IFL
5
5
5.5
5.5
600
600
600
600
580
580
VO = 5.35 V
IFH
IFL
5
5
5.5
5.5
– 490
– 490
– 520
– 520
– 520
– 520
VO = 3.52 V
IFH
IFL
5
5
5.5
5.5
– 100
– 1.5
–35
– 1.5
–50
–1
VO = 1.98 V
IFH
IFL
5
5
5.5
5.5
100
1.5
55
1
70
1
Supply Currents (fOSC) = 110 kHz
IDD = Quiescent @ Iout = 0 µA
ILCD = Quiescent @ Iout = 0 µA
IDD = Quiescent @ Iout = 0 µA
ILCD = Quiescent @ Iout = 0 µA
IDDQ
ILCDQ
IDDQ
ILCDQ
2.8
5.5
2.8
5.5
65
30
350
60
140
45
1050
90
85
20
350
35
µA
Input Current
Iin
– 0.1
0.1
µA
Input Capacitance
Cin
7.5
pF
Frequencies
OSC2 Frequency @ R1; R1 = 200 k
FS Frequency @ R1
FS Pulse @ R1
BP Frequency @ R1
OSC2 Frequency @ R2; R2 = 996 k
fOSC2
fFS
fFS
fBP
fOSC2
5
5
5
5
5
5
5
5
5
5
103
100
4.7
100
22.5
111
110
5
110
24.5
100
100
3.6
100
23
150
140
5.6
140
33
123
120
3.5
120
28
136
133
3.9
133
31
kHz
Hz
µs
Hz
kHz
Average DC Offset Voltage (BP Relative to FP)
VOO
5
2.8
–50
+50
–50
+50
–50
+50
mV
Input Voltage
“0” Level
VIL
VIL
2.8
5.5
5
5
0.85
1.65
V
“1” Level
VIH
VIH
2.8
5.5
5
5
2
3.85
(continued)
This device contains protection circuitry
to guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of
any voltage higher than maximum rated
voltages to this high–impedance circuit.


Số phần tương tự - MC145003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC14500B MOTOROLA-MC14500B Datasheet
259Kb / 8P
   Industrial Control Unit
MC14500B MOTOROLA-MC14500B Datasheet
4Mb / 113P
   Industrial Control Unit
1977
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
   Industrial Control Unit
1977
More results

Mô tả tương tự - MC145003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com