công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145003 bảng dữ liệu(PDF) 11 Page - Motorola, Inc |
|
MC145003 bảng dữ liệu(HTML) 11 Page - Motorola, Inc |
11 / 14 page Allows the latch of data to the FP outputs MC145003 • MC145004 11 MOTOROLA APPLICATION INFORMATION Figure 10 shows an interface example. Example 1 shows a semi–automatic SPI Mode (only start and stop conditions are done in non–SPI Mode). Example 2 contains the software to use HC11 with MC145003 in manual SPI Mode. Both examples use the same hardware connection. 1/4 MUX DISPLAY A0 MC145003 MC68HC11 R = 470 k Ω BP1–BP4 MOSI SCK SS FP1–FP32 A1 A2 Din DCLK ENB OSC1 OSC2 VDD VDD 1 k Ω Figure 10. Interface Example Between MC68HC11 and MC145003 CPOL = 0 CPHA = 0 SPI Off EW = 0 Setup Start Condition with SPI off (Write Data Port to 0) SPI On < ldaa $73, staa $1028 Send Address Byte $7E Send 16 bytes of Data SPI Off < ldaa $33, staa $1028 DATA = 0 SPI Off ENB = 1 CLK = 1 DATA = 1 Stop Condition Example 1. Semi–Automatic SPI Method |
Số phần tương tự - MC145003 |
|
Mô tả tương tự - MC145003 |