công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145003 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145003
Giải thích chi tiết về linh kiện  128 SEGMENT LCD DRIVERS CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145003 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145003 Datasheet HTML 1Page - Motorola, Inc MC145003 Datasheet HTML 2Page - Motorola, Inc MC145003 Datasheet HTML 3Page - Motorola, Inc MC145003 Datasheet HTML 4Page - Motorola, Inc MC145003 Datasheet HTML 5Page - Motorola, Inc MC145003 Datasheet HTML 6Page - Motorola, Inc MC145003 Datasheet HTML 7Page - Motorola, Inc MC145003 Datasheet HTML 8Page - Motorola, Inc MC145003 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product Preview
128 Segment LCD Drivers
CMOS
The MC145003/5004 are 128–segment, multiplexed–by–four LCD Drivers.
The two devices are functionally the same except for their data input proto-
cols. The MC145003 uses an SPI data input protocol which is directly com-
patible with that of the MC6805 family of microcomputers. Using a minimal
amount of software (see example), the device may be interfaced to the
MC68HCXX product families. The MC145004 has a IIC interface and has es-
sentially the same protocol, except that the device sends an acknowledge bit
back to the transmitter after each eight–bit byte is received. MC145004 also
has a “read mode”, whereby data sent to the device may be retrieved via the
IIC bus.
The MC145003/MC145004 drives the liquid–crystal displays in a multi-
plexed–by–four configuration. The device accepts data from a microproces-
sor or other serial data source to drive one segment per bit. The chip does not
have a decoder, allowing for the flexibility of formatting the segment data
externally.
Devices are independently addressable via a two–wire (or three–wire)
communication link which can be common with other MC145003/MC145004
and/or other peripheral devices.
• Drives 128 Segments Per Package
• Devices May Be Cascaded for Larger LCD Applications
• May Be Used with the Following LCDs: Segmented Alphanumeric,
Bar Graph, Dot Matrix, Custom
• Quiscent Supply Current: 85 µA @ 2.8 V VDD
• Operating Voltage Range: 2.8 to 5.5 V
• Operating Temperature Range: – 40 to 85°C
• Separate Access to LCD Drive Section’s Supply Voltage to Allow for
Temperature Compensation
• See Application Notes AN1066 and AN442
This document contains information on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145003/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
FP32
FP31
FP30
FP29
FP28
FP27
FP26
FP25
FP24
FP23
FP22
FP21
FP20
MC145003
MC145004
QFP
FU SUFFIX
CASE 848B
ORDERING INFORMATION
MC145003FU
QFP
MC145004FU
QFP
1
2
3
4
5
6
7
8
9
10
11
12
13
PIN ASSIGNMENT
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
Din
DCLK
FS
FP1
FP2
FP3
FP4
FP5
FP6
FP7
FP8
FP9
FP10
NC = NO CONNECTION
1
52
BLOCK DIAGRAM
128–BIT LATCH
FS
LCD VOLTAGE
WAVEFORM
AND TIMING
GENERATOR
FRAME
SYNC
GENERATOR
OSCILLATOR
128–BIT SHIFT REGISTER
OSC2
OSC1
POR
DRIVERS
DRIVERS
128 – 32
MULTIPLEX
A2
A0
A1
ENB
DCLK
Din
VLCD
BP1–BP4
FP1–FP32
© Motorola, Inc. 1994
REV 1
12/94


Số phần tương tự - MC145003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC14500B MOTOROLA-MC14500B Datasheet
259Kb / 8P
   Industrial Control Unit
MC14500B MOTOROLA-MC14500B Datasheet
4Mb / 113P
   Industrial Control Unit
1977
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
   Industrial Control Unit
1977
More results

Mô tả tương tự - MC145003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com