công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCV8512 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện NCV8512
Giải thích chi tiết về linh kiện  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8512 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  NCV8512 Datasheet HTML 1Page - ON Semiconductor NCV8512 Datasheet HTML 2Page - ON Semiconductor NCV8512 Datasheet HTML 3Page - ON Semiconductor NCV8512 Datasheet HTML 4Page - ON Semiconductor NCV8512 Datasheet HTML 5Page - ON Semiconductor NCV8512 Datasheet HTML 6Page - ON Semiconductor NCV8512 Datasheet HTML 7Page - ON Semiconductor NCV8512 Datasheet HTML 8Page - ON Semiconductor NCV8512 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCV8512
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
SOW−16 Exposed Pad
1, 3−6, 11, 12, 14
NC
No connection.
2
VOUT
±2.0%, 150 mA output.
7
VIN
Input Voltage.
8
MON
Monitor. Input for early warning comparator. If not needed connect to VOUT.
9
RADJ
Reset Adjust. If not needed connect to ground.
10
DELAY
Timing capacitor for RESET function.
13
GND
Ground. All GND leads must be connected to Ground.
15
RESET
Active reset (accurate to VOUT ≥ 1.0 V).
16
FLAG
Open collector output from early warning comparator.
TYPICAL PERFORMANCE CHARACTERISTICS
−40
4.98
Temperature (
°C)
4.99
5.00
5.01
−25 −10
125
5
20
355065
8095
110
VOUT = 5.0 V
VIN = 14 V
IOUT = 5.0 mA
Figure 2. Output Voltage vs. Temperature
Figure 3. Quiescent Current vs. Output Current
Figure 4. Quiescent Current vs. Output Current
+25
°C
−40
°C
0
0
IOUT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
510
15
20
25
+125
°C
VIN = 12 V
0
0
IOUT (mA)
2
4
6
8
10
12
14
15
30
45
60
140
75
90
105 120 135
+25
°C
−40
°C
+125
°C
VIN = 12 V
6
0
VIN (V)
1
2
3
4
5
6
7
8
101214
26
16
18
20
22
24
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
T = 25
°C
Figure 5. Quiescent Current vs. Input Voltage


Số phần tương tự - NCV8512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCV8518 ONSEMI-NCV8518 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDG ONSEMI-NCV8518APDG Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDR2G ONSEMI-NCV8518APDR2G Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APWG ONSEMI-NCV8518APWG Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results

Mô tả tương tự - NCV8512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269_07 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com