công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCP1601A bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NCP1601A
Giải thích chi tiết về linh kiện  Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1601A bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NCP1601A Datasheet HTML 1Page - ON Semiconductor NCP1601A Datasheet HTML 2Page - ON Semiconductor NCP1601A Datasheet HTML 3Page - ON Semiconductor NCP1601A Datasheet HTML 4Page - ON Semiconductor NCP1601A Datasheet HTML 5Page - ON Semiconductor NCP1601A Datasheet HTML 6Page - ON Semiconductor NCP1601A Datasheet HTML 7Page - ON Semiconductor NCP1601A Datasheet HTML 8Page - ON Semiconductor NCP1601A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP1601A, NCP1601B
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Symbol
Function
Function
1
FB
Feedback /
Shutdown
This pin receives a current IFB which is proportional to the PFC circuit output voltage. The current is
for the output regulation, output Overvoltage Protection (OVP), and output undervoltage protection
(UVP).
When IFB goes above 107% Iref, OVP is activated and the Drive Output is disabled.
When IFB goes below 8% Iref, the device enters a low−current consumption shutdown mode.
2
Vcontrol
Control
The voltage of this pin Vcontrol directly controls the input impedance and hence the power factor of
the circuit. This pin is connected to an external capacitor to limit the control voltage Vcontrol band-
width typically below 20 Hz to achieve Power Factor Correction.
3
Ramp
Ramp
This pin is connected to an external capacitor to set a ramp signal. The capacitor value directly
affects the input impedance of the PFC circuit and hence the maximum input power.
4
CS
Current Sense
This pin sources a current IS which depends on the inductor current and an offset voltage. The
current is for Overcurrent Protection (OCP) and zero current detection.
When IS is above 200 mA, OCP is activated and the Drive Output is disabled.
When IS is below 14 mA, the circuit detects a zero current. This information is used by the on−time
modulation arrangement and by the oscillator block.
5
Osc
Oscillator /
Synchronization
In oscillator mode, this pin is connected to an external capacitor to set the oscillator frequency of
the DCM operation.
In synchronization mode, this pin is connected to an external driving signal. The positive edge of the
drive output is synchronized to the negative edge of the external signal in DCM operation.
If the inductor current is non−zero at the end of a switching period, the output drive is not allowed to
turn on. CCM operation is prohibited. Instead, the circuit operates in CRM in this case.
6
GND
The IC ground
7
Drv
Drive Output
This pin provides an output to an external MOSFET.
8
VCC
Supply Voltage
This pin is the positive supply of the device. The operating range is between 9 V and 18 V with
UVLO start threshold 13.75 V for NCP1601A and 10.5 V for NCP1601B.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
FB, Vcontrol, Ramp, CS, Osc Pins (Pins 1−5)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +9
100
V
mA
Drive Output (Pin 7)
Maximum Voltage Range
Maximum Current Range (Note 2)
Vmax
Imax
−0.3 to +18
−500 to +750
V
mA
Power Supply Voltage (Pin 8)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +18
100
V
mA
Power Dissipation and Thermal Characteristics
P suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA=70 °C
Thermal Resistance, Junction−to−Air
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA=70 °C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
A.
This device series contains ESD protection and exceeds the following tests:
Pins 1−8: Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
B.
This device contains Latchup protection and exceeds
±100 mA per JEDEC Standard JESD78.
1. Guaranteed by design.


Số phần tương tự - NCP1601A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Mô tả tương tự - NCP1601A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28180 TI1-UCC28180 Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Silan Microelectronics ...
SA7527 SILAN-SA7527 Datasheet
263Kb / 8P
   POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
logo
Texas Instruments
UCC28180 TI-UCC28180_15 Datasheet
1Mb / 45P
[Old version datasheet]   UCC28180 Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com