công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5680BRJZ-1REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5680BRJZ-1REEL7
Giải thích chi tiết về linh kiện  5 V 18-Bit nanoDAC in a SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5680BRJZ-1REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5680BRJZ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5680BRJZ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5 V 18-Bit nanoDACTM
in a SOT-23
AD5680
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single 18-bit nanoDAC
18-bit monotonic
12-bit accuracy guaranteed
Tiny 8-lead SOT-23 package
Power-on reset to zero scale/midscale
4.5 V to 5.5 V power supply
Serial interface
Rail-to-rail operation
SYNC interrupt facility
Temperature range −40°C to +105°C
APPLICATIONS
Closed-loop process control
Low bandwidth data acquisition systems
Portable battery-powered instruments
Gain and offset adjustment
Precision setpoint control
FUNCTIONAL BLOCK DIAGRAM
VOUT
VFB
VDD
GND
VREF
AD5680
18-BIT
DAC
REF(+)
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
DIN
SCLK
SYNC
OUTPUT
BUFFER
Figure 1.
GENERAL DESCRIPTION
The AD5680, a member of the nanoDAC family, is a single,
18-bit buffered voltage-out DAC that operates from a single
4.5 V to 5.5 V supply and is 18-bit monotonic.
The AD5680 requires an external reference voltage to set the
output range of the DAC. The part incorporates a power-on
reset circuit that ensures the DAC output powers up to 0 V
(AD5680-1) or to midscale (AD5680-2) and remains there until
a valid write takes place.
The low power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equipment.
The power consumption is 1.6 mW at 5 V.
The AD5680 on-chip precision output amplifier allows rail-to-
rail output swing to be achieved. For remote sensing applications,
the output amplifier’s inverting input is available to the user.
The AD5680 uses a versatile 3-wire serial interface that operates
at clock rates up to 30 MHz, and is compatible with standard
SPI®, QSPI™, MICROWIRE™, and DSP interface standards.
PRODUCT HIGHLIGHTS
1.
18 bits of resolution.
2.
12-bit accuracy guaranteed for 18-bit DAC.
3.
Available in an 8-lead SOT-23.
4.
Low power. Typically consumes 1.6 mW at 5 V.
5.
Power-on reset to zero scale or to midscale.
RELATED DEVICES
AD5662 16-bit DAC in SOT-23.


Số phần tương tự - AD5680BRJZ-1REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5680BRJZ-1REEL7 AD-AD5680BRJZ-1REEL7 Datasheet
451Kb / 20P
   5V 18-Bit nanoDAC
More results

Mô tả tương tự - AD5680BRJZ-1REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com