công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5666ARUZ-2 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD5666ARUZ-2
Giải thích chi tiết về linh kiện  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5666ARUZ-2 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD5666ARUZ-2 Datasheet HTML 7Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 8Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 9Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 10Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 11Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 12Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 13Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 14Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5666
Rev. A | Page 11 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
AD5666
VDD
VOUTA
VREFIN/VREFOUT
POR
VOUTC
14
13
12
11
10
9
8
DIN
GND
VOUTB
SDO
VOUTD
SCLK
TOP VIEW
(Not to Scale)
LDAC
CLR
SYNC
Figure 5. 14-Lead TSSOP (RU-14)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data.
This allows all DAC outputs to simultaneously update. Alternatively, this pin can be tied permanently low.
2
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes
low, it powers on the SCLK and DIN buffers and enables the input shift register. Data is transferred in
on the falling edges of the next 32 clocks. If SYNC is taken high before the 32nd falling edge, the rising
edge of SYNC acts as an interrupt and the write sequence is ignored by the device.
3
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be decoupled
with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
4
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
5
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
6
POR
Power-on Reset Pin. Tying this pin to GND powers up the part to 0 V. Tying this pin to VDD powers up
the part to midscale.
7
VREFIN/VREFOUT
The AD5666 has a common pin for reference input and reference output. When using the internal
reference, this is the reference output pin. When using an external reference, this is the reference input
pin. The default for this pin is as a reference input.
8
SDO
Serial Data Output. Can be used for daisy-chaining a number of these devices together or for reading
back the data in the shift register for diagnostic purposes. The serial data is transferred on the rising edge
of SCLK and is valid on the falling edge of the clock.
9
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses are
ignored. When CLR is activated, the input register and the DAC register are updated with the data
contained in the CLR code register—zero, midscale, or full scale. Default setting clears the output to 0 V.
10
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
11
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
12
GND
Ground Reference Point for All Circuitry on the Part.
13
DIN
Serial Data Input. This device has a 32-bit shift register. Data is clocked into the register on the falling
edge of the serial clock input.
14
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input.
Data can be transferred at rates of up to 50 MHz.


Số phần tương tự - AD5666ARUZ-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5666 AD-AD5666 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
More results

Mô tả tương tự - AD5666ARUZ-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com