công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1981HDJSTZ-REEL bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD1981HDJSTZ-REEL
Giải thích chi tiết về linh kiện  HD Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ-REEL bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD1981HDJSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 12Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 13Page - Analog Devices AD1981HDJSTZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1981HD
Rev. 0 | Page 10 of 16
HD AUDIO CODEC INFORMATION
Table 20. Widget List and Descriptions
NID
Name
Type ID
Type
Description
00
ROOT
x
Root
Device identification.
01
FUNCTION
x
Function
Designates this device as an audio codec.
02
S/PDIF
0
Audio output
Designates the codec S/PDIF digital stream output interface.
03
Front DAC
0
Audio output
Designates the playback channel digital/audio converters.
04
Record ADC
1
Audio input
Designates the record channel audio/digital converters.
05
Port-D (Line Out)
4
Pin complex
Port-D pin drivers. Typically used as rear panel line output.
06
Port-A (Headphone Out)
4
Pin complex
Port-A pin drivers. Typically used as front panel headphone output.
07
MONO_OUT
4
Pin complex
Monaural output pin driver. Typically used to drive an internal
speaker or as a microphone selector on a telephony system.
08
Port-B (Front Microphone)
4
Pin complex
Port-B pin drivers. Typically used as front panel microphone.
09
Port-C (Line In)
4
Pin complex
Port-C pin drivers. Typically used as rear panel line input.
0A
S/PDIF_OUT
4
Pin complex
S/PDIF output digital interface.
0B
Monaural Selector
3
Audio selector
Chooses which signals drive the monaural output mixer and pin.
0C
Microphone Mixer
2
Audio mixer
Allows selective mixing of the front/rear microphone sources to a
single combined signal.
0D
PC Beep Selector
3
Audio selector
Selects between the digital beep generator and the analog PC BEEP pin
as the source for the analog mixer.
0E
Analog Mixer
2
Audio mixer
Selectively mixes analog input signals into a single signal.
0F
Monaural Mixer
2
Audio mixer
Stereo-to-monaural mixer for MONO_OUT.
10
Digital PC Beep
7
Beep generator
Digital PC beep generator.
11
Front Mix Amp
3
Audio selector
Individual gain control for the DAC (front) input to the Analog Mixer.
12
Port-B Mix Amp
3
Audio selector
Individual gain control for the Port-B (front microphone) input to the
analog mixer.
13
Port-C Mix Amp
3
Audio selector
Individual gain control for the Port-C (line in) input to the analog
mixer.
14
Analog Power-Down
5
Power widget
Power control on the analog mixer and associated amplifiers.
15
Record Selector
3
Audio selector
Chooses which signal is recorded by the record ADC. Also contains
the record gain controls.
16
PC Beep In
4
Pin complex
Analog PC Beep in pin drivers. This signal is coupled to the outputs
while the codec is held in reset. This may be selected as an input to
the analog mixer after reset has been released.
17
Port-E (Aux In)
4
Pin complex
Port-E pin drivers. Typically used as auxiliary input.
18
Port-F (Rear Microphone)
4
Pin complex
Port-F pin drivers. Typically used as rear panel microphone.
19
CD In
4
Pin complex
CD in pin drivers.
1A
Port-D Mix Amp
3
Audio selector
Individual gain control for the Port D (front) input to the analog
mixer.
1B
Port-E Mix Amp
3
Audio selector
Individual gain control for the Port E (aux) input to the analog mixer.
1C
Port-F Mix Amp
3
Audio selector
Individual gain control for the Port F (rear microphone) input to the
analog mixer.
1D
CD Mix Amp
3
Audio selector
Individual gain control for the CD input to the analog mixer.
1E
Front Microphone Mute
3
Audio selector
Mute control for Port B (front microphone) into microphone mixer.
1F
Rear Microphone Mute
3
Audio selector
Mute control for Port F (rear microphone) into the microphone mixer.


Số phần tương tự - AD1981HDJSTZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
More results

Mô tả tương tự - AD1981HDJSTZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com