công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1939 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
AD1939 bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 30 page Preliminary Technical Data AD1935/AD1936/AD1937/AD1938/AD1939 Rev. Pr I | Page 3 of 30 Parameter Min Typ Max Unit Interchannel Gain Mismatch -0.5 +0.5 dB Offset Error, Single-ended version -15 mV Offset Error, Differential version -10 mV Gain Drift -30 30 ppm/°C Interchannel Isolation 100 dB Interchannel Phase Deviation 0 Degrees Volume Control Step 0.375 dB Volume Control Range 95 dB De-emphasis Gain Error ±0.6 dB Output Resistance at Each Pin 100 Ω Internal Reference Voltage, FILTR 1.50 V External Reference Voltage, FILTR 0.90 1.50 1.80 V REFERENCE Common-Mode Reference Output, CM 1.50 V Table 2 Crystal Oscillator Parameter Min Typ Max Unit Transconductance 10 mmhos Table 3 Digital I/O Parameter Min Typ Max Unit Input Voltage HI (VIH) 2.0 V Input Voltage LO (VIL) 0.8 V Input Leakage (IIH @ VIH = 2.4 V) 10 µA Input Leakage (IIL @ VIL = 0.8 V) 10 µA High Level Output Voltage (VOH) IOH = 4 mA DVDD – 0.5 V Low Level Output Voltage (VOL) IOL = 4 mA 0.5 V Input Capacitance 5 pF Table 4 Power Supplies Parameter Min Typ Max Unit Voltage, DVDD 3.0 3.3 3.6 V Voltage, AVDD 3.0 3.3 3.6 V Digital Current 56 mA Digital Current—Power-Down TBD mA Digital Current—Reset TBD mA Analog Current 74 mA Analog Current—Power-Down TBD mA Supplies Analog Current—Reset TBD mA Operation—All Supplies 429 mW Operation—Digital Supply 185 mW Operation—Analog Supply 244 mW Dissipation Power-Down—All Supplies TBD mW 1 kHz 200 mV p-p Signal at Analog Supply Pins TBD dB Power Supply Rejection Ratio 20 kHz 200 mV p-p Signal at Analog Supply Pins TBD dB Table 5 |
Số phần tương tự - AD1939 |
|
Mô tả tương tự - AD1939 |