công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1970 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD1970
Giải thích chi tiết về linh kiện  Digital BTSC Encoder with Integrated ADC and DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1970 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD1970 Datasheet HTML 4Page - Analog Devices AD1970 Datasheet HTML 5Page - Analog Devices AD1970 Datasheet HTML 6Page - Analog Devices AD1970 Datasheet HTML 7Page - Analog Devices AD1970 Datasheet HTML 8Page - Analog Devices AD1970 Datasheet HTML 9Page - Analog Devices AD1970 Datasheet HTML 10Page - Analog Devices AD1970 Datasheet HTML 11Page - Analog Devices AD1970 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1970
Rev. 0 | Page 8 of 20
Pin No.
Pin Name
Input/Output
Description
18
VIN_IAMPR
IN
Negative input of internal op amp for right channel input amplifier.
19
CAPLP
I/O
ADC Filter Capacitor Connection (positive left-channel input to modulator). A 1 nF
capacitor should be placed between this pin and analog ground.
20
CAPLN
I/O
ADC Filter Capacitor Connection (negative left-channel input to modulator). A 1 nF
capacitor should be placed between this pin and analog ground.
21
CAPRP
I/O
ADC Filter Capacitor Connection (positive right-channel input to modulator). A 1 nF
capacitor should be placed between this pin and analog ground.
22
CAPRN
I/O
ADC Filter Capacitor Connection (negative right-channel input to modulator). A 1 nF
capacitor should be placed between this pin and analog ground.
23
PVDD
PLL Power. 3.3 V nominal. Bypass capacitors should be placed close to this pin and
connected directly to the PLL ground.
24
PLL_LF
PLL Loop Filter Connection.
25
PGND
PLL Ground. Connect to DGND.
26
VID_IN
IN
Composite Video Input. Composite video signal input to the sync separator. The sync
output is connected to a PLL that generates the clocks for the AD1970. This pin has an
input impedance of 2 kΩ.
27
NC
No Connect.
28
PLL_MODE0
IN
PLL Mode Select Pin 0. The setting of these pins indicates the source and frequency of the
input clock to generate the internal MCLK for the AD1970.
29
PLL_MODE1
IN
PLL Mode Select Pin 1. The setting of these pins indicates the source and frequency of the
input clock to generate the internal MCLK for the AD1970.
30
MCLK
IN
Master Clock Input. This input is used to generate the internal master clock if it is not
derived from the composite video signal on VID_IN. The master clock frequency must be
either fs or 256 × fs, where fs is the input sampling frequency. The PLL_CTRLx pins should
be set to accept the appropriate MCLK input frequency.
31
VID_PRES
OUT
Video Present Flag. A high logic level on this pin indicates that a valid composite video
signal is present on the VID_IN pin. Open-drain output.
32
XOUT
OUT
Crystal Oscillator Output. This pin is the output of the on-board oscillator and should be
connected to one side of a crystal.
33
XIN
IN
Crystal Oscillator Input. This pin is the input to the on-board oscillator and should be
connected to one side of a crystal.
34
GPIO0
IN/OUT
General Purpose I/O 0. This pin can be set to be either a static input or output, with levels
and direction controlled through the I2C port.
35
GPIO1
IN/OUT
General Purpose I/O 1. This pin can be set to be either a static input or output, with levels
and direction controlled through the I2C port.
36
DGND
Digital Ground.
37
DVDD
Digital Power.
38
GPIO2
IN/OUT
General Purpose I/O 2. This pin can be set to be either a static input or output, with levels
and direction controlled through the I2C port.
39
GPIO3
IN/OUT
General Purpose I/O 3. This pin can be set to be either a static input or output, with levels
and direction controlled through the I2C port.
40
SDATA
IN/OUT
Serial Data Input/Output (Before BTSC Encoding). Digital input to the BTSC encoder or
output of the ADC. The serial format is selected by writing to Bits 3:2 of Control Register 1.
41
BCLK
IN/OUT
Bit Clock Input/Output. Serial bit clock for clocking in the serial data. The interpretation of
BCLK changes according to the serial mode, which is set by writing to the control
registers.
42
LRCLK
IN/OUT
Left/Right Clock Input/Output. Left/right clock for framing the serial input data. The
interpretation of the LRCLK changes according to the serial mode, set by writing to the
control registers.
43
DIG_IN_EN
IN
Digital Input Enable (active high).
44
SDA
IN/OUT
I2C Serial Data Input/Output.
45
SCL
IN
I2C Serial Clock Input.
46
ADR1
IN
I2C Address 1. The address of the I2C port is set by these pins according to Table 16.
47
ADR0
IN
I2C Address 0. The address of the I2C port is set by these pins according to Table 16.
48
DGND
Digital Ground.


Số phần tương tự - AD1970

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results

Mô tả tương tự - AD1970

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com