công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1937 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD1937
Giải thích chi tiết về linh kiện  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1937 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD1937 Datasheet HTML 1Page - Analog Devices AD1937 Datasheet HTML 2Page - Analog Devices AD1937 Datasheet HTML 3Page - Analog Devices AD1937 Datasheet HTML 4Page - Analog Devices AD1937 Datasheet HTML 5Page - Analog Devices AD1937 Datasheet HTML 6Page - Analog Devices AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 5 of 30
Parameter
Comments
Min
Max
Unit
fCCLK
CCLK Frequency
20
MHz
tCDS
CDATA Setup
To CCLK Rising
TBD
ns
tCDH
CDATA Hold
From CCLK Rising
TBD
ns
tCLS
CLATCH Setup
To CCLK Rising
TBD
ns
tCLH
CLATCH Hold
From CCLK Falling
TBD
ns
tCLH
CLATCH High
TBD
ns
tCOE
COUT Enable
From CCLK Falling
TBD
ns
tCOD
COUT Delay
From CCLK Falling
TBD
ns
tCOH
COUT Hold
From CCLK Falling
TBD
ns
tCOTS
COUT Three-State
From CCLK Falling
TBD
ns
fSCL
SCL Clock
Frequency
400
kHz
tSCLH
SCL High
0.6
µS
tSCLL
SCL Low
1.3
µS
tSCS
Setup Time
Relevant for Repeated Start
Condition
0.6
µS
tSCH
Hold Time
After this period the 1st clock is
generated
0.6
µS
tDS
Data Setup Time
100
ns
tSCR
SCL Rise Time
300
ns
tSCF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
Start Condition
tSDF
SDA Fall Time
300
ns
I2C PORT
Stop Condition
tSCS
Setup Time
0.6
µS
tDBH
DBCLK High
TBD
ns
tDBL
DBCLK Low
TBD
ns
fDB
DBCLK Frequency
TBD
ns
tDLS
DLRCLK Setup
To DBCLK Rising
TBD
ns
Slave Mode
tDLH
DLRCLK Hold
From DBCLK Rising
TBD
ns
Master Mode
tDLS
DLRCLK Skew
From DBCLK Falling
TBD
TBD
ns
tDDS
DSDATA Setup
To DBCLK Rising
TBD
ns
DAC SERIAL PORT
tDDH
DSDATA Hold
From DBCLK Rising
TBD
ns
tABH
ABCLK High
TBD
ns
tABL
ABCLK Low
TBD
ns
fDB
ABCLK Frequency
TBD
ns
tALS
ALRCLK Setup
To ABCLK Rising
TBD
ns
Slave Mode
tALH
ALRCLK Hold
From ABCLK Rising
TBD
ns
Master Mode
tALS
ALRCLK Skew
From ABCLK Falling
TBD
TBD
ns
ADC SERIAL PORT
tABDD
ASDATA Delay
From ABCLK Falling
TBD
ns
tAXDS
AAUXDATA Setup
To AUXBCLK Rising
TBD
ns
tAXDH
AAUXDATA Hold
From AUXBCLK Rising
TBD
ns
tDXDD
DAUXDATA Delay
From AUXBCLK Falling
TBD
ns
tXBH
AUXBCLK High
TBD
ns
tXBL
AUXBCLK Low
TBD
ns
fXB
AUXBCLK
Frequency
TBD
ns
tDLS
AUXLRCLK Setup
To AUXBCLK Rising
TBD
ns
AUXILIARY INTERFACE
tDLH
AUXLRCLK Hold
From AUXBCLK Rising
TBD
ns
Table 8


Số phần tương tự - AD1937

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1937 AD-AD1937 Datasheet
586Kb / 36P
   Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1937 AD-AD1937 Datasheet
435Kb / 37P
   Four ADCs/Eight DACs
AD1937WBSTZ AD-AD1937WBSTZ Datasheet
586Kb / 36P
   Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1937WBSTZ AD-AD1937WBSTZ Datasheet
435Kb / 37P
   Four ADCs/Eight DACs
AD1937WBSTZ-RL AD-AD1937WBSTZ-RL Datasheet
586Kb / 36P
   Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
REV. 0
More results

Mô tả tương tự - AD1937

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com