công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6321TS bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6321TS
Giải thích chi tiết về linh kiện  300 mA High Speed Buffer with Adjustable Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6321TS bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LMH6321TS Datasheet HTML 1Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 2Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 3Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 4Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 5Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 6Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 7Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 8Page - National Semiconductor (TI) LMH6321TS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2.5 kV
Machine Model
250V
Supply Voltage
36V (±18V)
Input to Output Voltage (Note 3)
±5V
Input Voltage
±V
SUPPLY
Output Short-Circuit to GND (Note 4)
Continuous
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (T
JMAX)
+150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
Power Dissipation
(Note 8)
C
L Pin to GND Voltage
±1.2V
Operating Ratings
Operating Temperature Range
−40˚C to +125˚C
Operating Supply Range
5V to ±16V
Thermal Resistance (
θ
JA),
PSOP Package (Note 6)
180˚C/W
Thermal Resistance (
θ
JC)
TO-263 Package
4˚C/W
Thermal Resistance (
θ
JA)
TO-263 Package
80˚C/W
±15V Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM =0,RL
≥ 100 kΩ and R
S =50
Ω,C
L open, unless otherwise
noted. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A
V
Voltage Gain
R
L =1k
Ω,V
IN = ±10V
0.99
0.98
0.995
V/V
R
L =50
Ω,V
IN = ±10V
0.86
0.84
0.92
V/V
V
OS
Input Offset Voltage
R
L =1k
Ω,R
S =0V
±4
±35
±52
mV
I
B
Input Bias Current
V
IN = 0V, RL =1k
Ω,R
S =0V
±2
±15
±17
µA
R.
IN
Input Resistance
R.
L =50
250
k
C
IN
Input Capacitance
3.5
pF
R
O
Output Resistance
I
O = ±10 mA
5
I
S
Power Supply Current
R
L = ,VIN = 0
11
14.5
16.5
mA
750 µA into
C
L Pin
14.9
18.5
20.5
V
O1
Positive Output Swing
I
O = 300 mA, RS = 0V, VIN = ±VS
11.2
10.8
11.9
V
Negative Output Swing
I
O = 300 mA, RS = 0V, VIN = ±VS
−11.3
−10.3
−9.8
V
O2
Positive Output Swing
R
L =1k
Ω,R
S = 0V, VIN = ±VS
13.1
12.9
13.4
V
Negative Output Swing
R
L =1k
Ω,R
S = 0V, VIN = ±VS
−13.4
−12.9
−12.6
V
O3
Positive Output Swing
R
L =50
Ω,R
S = 0V, VIN = ±VS
11.6
11.2
12.2
V
Negative Output Swing
R
L =50
Ω,R
S = 0V, VIN = ±VS
−11.9
−10.9
−10.6
V
EF
Error Flag Output Voltage
R
L = ,VIN =0,
EF pulled up with 5 k
to +5V
Normal
5.00
V
During
Thermal
Shutdown
0.25
T
SH
Thermal Shutdown
Temperature
Measure Quantity is Die (Junction)
Temperature
168
˚C
Hysteresis
10
www.national.com
2


Số phần tương tự - LMH6321TS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6321TS NSC-LMH6321TS Datasheet
24Kb / 2P
   VP Quality
LMH6321TS NSC-LMH6321TS Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321TS TI1-LMH6321TS Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321TS/NOPB TI1-LMH6321TS/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321TS/NOPB TI1-LMH6321TS/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
More results

Mô tả tương tự - LMH6321TS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6321 TI1-LMH6321_14 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
[Old version datasheet]   300 mA High Speed Buffer with Adjustable Current Limit
logo
National Semiconductor ...
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
   300mA High Speed Buffer with Adjustable Current Limit
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Torex Semiconductor
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
   0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com