công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95241CIMMX-2 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM95241CIMMX-2
Giải thích chi tiết về linh kiện  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241CIMMX-2 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button LM95241CIMMX-2 Datasheet HTML 2Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 3Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 4Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 5Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 6Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 7Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 8Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 9Page - National Semiconductor (TI) LM95241CIMMX-2 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Logic Electrical Characteristics (Continued)
SMBus Communication
20199709
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the
listed test conditions. Operation of the device beyond the maximum Operating Ratings is not recommended.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5 mA.
Parasitic components and or ESD protection circuitry are shown in the figures below for the LM95241’s pins. Care should be taken not to forward bias the parasitic
diode, D1, present on pins: D1+, D2+, D1−, D2−. Doing so by more than 50 mV may corrupt the temperature measurements.
Pin
#
Label Circuit
All Input ESD Protection Structure Circuits
1
D1+
A
Circuit A
Circuit C
Circuit B
2
D1−
A
3
D2+
A
4
D2−
A
5
GND
B
6V
DD
B
7
SMBDAT
C
8
SMBCLK
C
Note 3: Thermal resistance junction-to-ambient when attached to a printed circuit board with 1oz. foil and no air flow:
– MSOP-8 = 210˚C/W
Note 4: Human body model (HBM), 100pF discharged through a 1.5k
Ω resistor. Machine model (MM), 200pF discharged directly into each pin. Charged Device
Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated assembler) then rapidly being discharged.
Note 5: Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
Note 6: Typical figures are at TA = 25˚C and represent most likely parametric norms at the time of product characterization. The typical specifications are not
guaranteed.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the internal power
dissipation of the LM95241 and the thermal resistance. See (Note 3) for the thermal resistance to be used in the self-heating calculation.
Note 9: The accuracy of the LM95241CIMM is guaranteed when using a typical thermal diode of an Intel processor on a 65 nm process or an MMBT3904
diode-connected transistor, as selected in the Remote Diode Model Select register. See typical performance curve for performance with Intel processor on a 90nm
process.
Note 10: Quiescent current will not increase substantially when the SMBus is active.
Note 11: This specification is provided only to indicate how often temperature data is updated. The LM95241 can be read at any time without regard to conversion
state (and will yield last conversion result).
Note 12: The output rise time is measured from (VIN(0)max + 0.15V) to (VIN(1)min − 0.15V).
Note 13: The output fall time is measured from (VIN(1)min - 0.15V) to (VIN(1)min + 0.15V).
Note 14: Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM95241’s SMBus state machine, therefore setting
SMBDAT and SMBCLK pins to a high impedance state.
www.national.com
6


Số phần tương tự - LM95241CIMMX-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM95241CIMMX-2/NOPB TI-LM95241CIMMX-2/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Mô tả tương tự - LM95241CIMMX-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com