công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95241CIMMX-1 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM95241CIMMX-1
Giải thích chi tiết về linh kiện  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241CIMMX-1 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM95241CIMMX-1 Datasheet HTML 6Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 7Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 8Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 9Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 10Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 11Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 12Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 13Page - National Semiconductor (TI) LM95241CIMMX-1 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
1.0 Functional Description (Continued)
2.
Write only
3.
Write/Read same address
4.
Write/Read different address
A Write to the LM95241 will always include the address byte
and the command byte. A write to any register requires one
data byte.
Reading the LM95241 can take place either of two ways:
1.
If the location latched in the Command Register is cor-
rect (most of the time it is expected that the Command
Register will point to one of the Read Temperature Reg-
isters because that will be the data most frequently read
from the LM95241), then the read can simply consist of
an address byte, followed by retrieving the data byte.
2.
If the Command Register needs to be set, then an
address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of
a read, the LM95241 can accept either acknowledge or No
Acknowledge from the Master (No Acknowledge is typically
used as a signal for the slave that the Master has read its
last byte). When retrieving all 11 bits from a previous remote
diode temperature measurement, the master must insure
that all 11 bits are from the same temperature conversion.
This may be achieved by reading the MSB register first. The
LSB will be locked after the MSB is read. The LSB will be
unlocked after being read. If the user reads MSBs consecu-
tively, each time the MSB is read, the LSB associated with
that temperature will be locked in and override the previous
LSB value locked-in.
www.national.com
10


Số phần tương tự - LM95241CIMMX-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM95241CIMMX-1/NOPB TI-LM95241CIMMX-1/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Mô tả tương tự - LM95241CIMMX-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com